전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD12CT1G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 SD12CT1G
상세설명  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SD12CT1G 데이터시트(HTML) 1 Page - ON Semiconductor

  SD12CT1G Datasheet HTML 1Page - ON Semiconductor SD12CT1G Datasheet HTML 2Page - ON Semiconductor SD12CT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2007
February, 2007 − Rev. 1
1
Publication Order Number:
SD12CT1/D
SD12CT1
Transient Voltage
Suppressor
Bi−directional ESD Protection
with Ultra Low Clamping Voltage
The SD12C is designed to protect voltage sensitive components from
ESD and transient voltage events. Excellent clamping capability, low
leakage, and fast response time, make this part ideal for ESD protection
on designs where board space is at a premium. Because of its small size, it
is suited for use in cellular phones, portable devices, digital cameras,
power supplies and many other portable applications.
Specification Features:
Peak Power − 350 W (8 20 ms)
Low Leakage
Low Clamping Voltage
Small Package for use in Portable Electronics
Meets IEC61000−4−2 Level 4
Meets IEC6100−4−4 Level 4
Meets 16 kV Human Body Model ESD Requirements
Pb−Free Package is Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94, V−0
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
Replace the “T1” with “T3” in the Device Number to order the
13 inch/10,000 unit reel.
http://onsemi.com
SOD−323
CASE 477
STYLE 1
MARKING DIAGRAM
ZK = Specific Device Code
M = Date Code*
G = Pb−Free Package
Device
Package
Shipping
ORDERING INFORMATION
SD12CT1
SOD−323
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SD12CT1G
SOD−323
(Pb−Free)
3000/Tape & Reel
1
2
ZK M
G
G
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


유사한 부품 번호 - SD12CT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SD12CT1G ONSEMI-SD12CT1G Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
   Peak Power − 350 W (8 x 20 цs)
More results

유사한 설명 - SD12CT1G

제조업체부품명데이터시트상세설명
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com