전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC-200A4H1RM 데이터시트(PDF) 1 Page - Delta Electronics, Inc.

부품명 LC-200A4H1RM
상세설명  2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-200A4H1RM 데이터시트(HTML) 1 Page - Delta Electronics, Inc.

  LC-200A4H1RM Datasheet HTML 1Page - Delta Electronics, Inc. LC-200A4H1RM Datasheet HTML 2Page - Delta Electronics, Inc. LC-200A4H1RM Datasheet HTML 3Page - Delta Electronics, Inc. LC-200A4H1RM Datasheet HTML 4Page - Delta Electronics, Inc. LC-200A4H1RM Datasheet HTML 5Page - Delta Electronics, Inc. LC-200A4H1RM Datasheet HTML 6Page - Delta Electronics, Inc. LC-200A4H1RM Datasheet HTML 7Page - Delta Electronics, Inc. LC-200A4H1RM Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LC-200A4H1RMx
DELTA ELECTRONICS, INC.
1
Nov., 2006
Rev. 0B
www.deltaww.com
2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast
Ethernet, ATM, SONET OC-3/SDH STM-1
FEATURES
Compliant with SFF Transceiver MSA
specification
Single + 3.3V Power Supply and TTL Logic
Interface
1310nm Multi Mode Transceiver
Laser Class 1 Product which comply with the
requirements of IEC 60825-1 and IEC 60825-2
Duplex LC Connector interface
RoHS Compliant per Directive 2002/95/EC
Description
The LC-200A4H1RM is high performance, cost
effective
optical
transceiver
intended
for
200Mbps. It is designed to provide SONET/SDH
compliant link at 200Mbps for both short and
intermediate reach links.
The LC-200A4H1RM transceivers provide with
the LC receptacle that is compatible with the
industry standard LC connector.
The post-amplifier of the LC-200A4H1RM also
includes a Signal Detect circuit that provides a
TTL logic-high output when an unusable optical
signal level is detected.
The LC-200A4H1RM transceiver is a Class 1
eye safety product. The optical power levels,
under normal operation, are at eye safe level.
Applications
Switch to Switch interface
Switched backplane applications
File server interface
Performance
Data Link up to 2km in 62.5/125um Multi Mode
Fiber


유사한 부품 번호 - LC-200A4H1RM

제조업체부품명데이터시트상세설명
logo
LETEX TECHNOLOGY CORP.
LC-202 LETEX-LC-202 Datasheet
33Kb / 2P
   Magnetic Contact
More results

유사한 설명 - LC-200A4H1RM

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-155A2H1 DELTA-LC-155A2H1 Datasheet
146Kb / 8P
   155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ Datasheet
216Kb / 14P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC Connector
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
HFBR-57E5APZ AVAGO-HFBR-57E5APZ Datasheet
228Kb / 15P
   Multimode Small Form-Factor Pluggable Transceivers with LC connector and DMI for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1
logo
Delta Electronics, Inc.
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
   Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com