전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC-155B4J1AH 데이터시트(PDF) 3 Page - Delta Electronics, Inc.

부품명 LC-155B4J1AH
상세설명  155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-155B4J1AH 데이터시트(HTML) 3 Page - Delta Electronics, Inc.

  LC-155B4J1AH Datasheet HTML 1Page - Delta Electronics, Inc. LC-155B4J1AH Datasheet HTML 2Page - Delta Electronics, Inc. LC-155B4J1AH Datasheet HTML 3Page - Delta Electronics, Inc. LC-155B4J1AH Datasheet HTML 4Page - Delta Electronics, Inc. LC-155B4J1AH Datasheet HTML 5Page - Delta Electronics, Inc. LC-155B4J1AH Datasheet HTML 6Page - Delta Electronics, Inc. LC-155B4J1AH Datasheet HTML 7Page - Delta Electronics, Inc. LC-155B4J1AH Datasheet HTML 8Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LC-155Bxxxxxx
DELTA ELECTRONICS, INC.
3
www.deltaww.com
Aug., 2006
Rev.:0D
NRZ, PRBS=2
23-1 and E.R.= 9dB.
Mask of the eye diagram for the optical transmit signal
Pin Definition:
PIN
Symbol
Functional description
1
GND
Receiver Signal Ground
2
VccR
Receiver Power Supply
3
SD
Receiver Signal Detect (LVPECL、LVTTL or TTL)
4
RD (-)
Receiver Data Out Bar (LVPECL or PECL)
5
RD (+)
Receiver Data Out (LVPECL or PECL)
6
VccT
Transmitter Power Supply
7
GND
Transmitter Signal Ground
8
TxDis
Transmitter Disable
9
TD (+)
Transmitter Data In (LVPECL or PECL)
10
TD (-)
Transmitter Data In Bar (LVPECL or PECL)
Pin Out Drawing:
2x5 Module Top View
123 4 5
10 9876
Tx
Rx


유사한 부품 번호 - LC-155B4J1AH

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
LC-155B4J1 DELTA-LC-155B4J1 Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155B4J1T DELTA-LC-155B4J1T Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
More results

유사한 설명 - LC-155B4J1AH

제조업체부품명데이터시트상세설명
logo
Delta Electronics, Inc.
LC-155B DELTA-LC-155B Datasheet
187Kb / 6P
   155Mbps, SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
LC-155A2H1 DELTA-LC-155A2H1 Datasheet
146Kb / 8P
   155Mbps 2x5 SFF LC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B DELTA-OPT-155B Datasheet
108Kb / 5P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155B1J1RA DELTA-OPT-155B1J1RA Datasheet
113Kb / 7P
   155Mbps 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
OPT-155A1H1RA DELTA-OPT-155A1H1RA Datasheet
143Kb / 8P
   155Mbps 1x9 SC/ST Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
List of Unclassifed Man...
OPT-155A2H1 ETC-OPT-155A2H1 Datasheet
102Kb / 5P
   155Mbps, 2Km, 1x9 SC Duplex Optical Transceiver Module for Fast Ethernet, ATM, SONET/SDH STM-1/OC-3
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5961ALZ AVAGO-HFBR-5961ALZ Datasheet
418Kb / 13P
   Multimode Small Form Factor (SFF) Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3/SDH STM-1 with LC connector
logo
Delta Electronics, Inc.
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LC-200A4H1M DELTA-LC-200A4H1M Datasheet
116Kb / 8P
   2x5 Small Form Factor 1310nm Transceiver for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com