전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX84J36B 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 BZX84J36B
상세설명  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX84J36B 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button BZX84J36B Datasheet HTML 4Page - NXP Semiconductors BZX84J36B Datasheet HTML 5Page - NXP Semiconductors BZX84J36B Datasheet HTML 6Page - NXP Semiconductors BZX84J36B Datasheet HTML 7Page - NXP Semiconductors BZX84J36B Datasheet HTML 8Page - NXP Semiconductors BZX84J36B Datasheet HTML 9Page - NXP Semiconductors BZX84J36B Datasheet HTML 10Page - NXP Semiconductors BZX84J36B Datasheet HTML 11Page - NXP Semiconductors BZX84J36B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BZX84J_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 1 March 2007
9 of 12
NXP Semiconductors
BZX84J series
Single Zener diodes
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 13.
10. Soldering
Fig 7.
Package outline SOD323F (SC-90)
04-09-13
Dimensions in mm
0.80
0.65
0.25
0.10
0.5
0.3
2.7
2.3
1.8
1.6
0.40
0.25
1.35
1.15
1
2
Table 10.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BZX84J-B2V4 to
BZX84J-C75
SOD323F
4 mm pitch, 8 mm tape and reel
-115
-135
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 8.
Reflow soldering footprint SOD323F (SC-90)
msa433
1.65
0.50
(2
×)
2.10
1.60
2.80
0.60
3.05
0.50
0.95
solder lands
solder resist
occupied area
solder paste


유사한 부품 번호 - BZX84J36B

제조업체부품명데이터시트상세설명
logo
Linear Technology
BZX84J-68 LINER-BZX84J-68 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
NXP Semiconductors
BZX84J-B10 NXP-BZX84J-B10 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-B10 NEXPERIA-BZX84J-B10 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
logo
NXP Semiconductors
BZX84J-B11 NXP-BZX84J-B11 Datasheet
166Kb / 13P
   General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-B11 NEXPERIA-BZX84J-B11 Datasheet
988Kb / 13P
   Single Zener diodes
Rev. 2 - 1 August 2011
More results

유사한 설명 - BZX84J36B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com