전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY100EP140L 데이터시트(PDF) 3 Page - Micrel Semiconductor

부품명 SY100EP140L
상세설명  3.3V PECL/ECL DIFFERENTIAL PHASE-FREQUENCY DETECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP140L 데이터시트(HTML) 3 Page - Micrel Semiconductor

  SY100EP140L Datasheet HTML 1Page - Micrel Semiconductor SY100EP140L Datasheet HTML 2Page - Micrel Semiconductor SY100EP140L Datasheet HTML 3Page - Micrel Semiconductor SY100EP140L Datasheet HTML 4Page - Micrel Semiconductor SY100EP140L Datasheet HTML 5Page - Micrel Semiconductor SY100EP140L Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Precision Edge®
SY100EP140L
Micrel, Inc.
M9999-111605
hbwhelp@micrel.com or (408) 955-1690
Phase
Input
Output
Dector State
R
FB
U
D
Pump Down (2–1–2)
2L
L
L
L
2–1
L
H
LH
1–2
H
X
L
L
2L
L
L
L
Pump Up (2–3–2)
2L
L
L
L
2–3
H
L
HL
3–2
X
H
L
L
2L
L
L
L
TRUTH TABLE
PHASE DETECTOR LOGIC MODEL
LOGIC DIAGRAM
S
R
Q
FF
U
C
A
U
/U
R
A
A
C
A
C
B
D
D
Reset
D
/D
FB
B
R
S
Q
FF
UP
DOWN
VEE
75kΩ
VEE
75kΩ
D
Reset
B
Reset
Reset
B
D
U = L
D = H
1
U = L
D = H
2
U = L
D = H
3
Pump
Down
Pump
Up
RR
R
FB
FB
FB


유사한 부품 번호 - SY100EP140L

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
SY100EP14AUKG MICREL-SY100EP14AUKG Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
SY100EP14AUKGTR MICREL-SY100EP14AUKGTR Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
SY100EP14U MICREL-SY100EP14U Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4C MICREL-SY100EP14UK4C Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
More results

유사한 설명 - SY100EP140L

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP40 ONSEMI-MC100EP40 Datasheet
68Kb / 8P
   3.3V / 5V ECL Differential Phase-Frequency Detector
January, 2004 ??Rev. 8
MC100EP40 ONSEMI-MC100EP40_14 Datasheet
89Kb / 9P
   3.3V / 5V ECL Differential Phase-Frequency Detector
April, 2014 ??Rev. 13
MC100EP140DR2 ONSEMI-MC100EP140DR2 Datasheet
55Kb / 8P
   3.3VECL Phase-Frequency Detector
September, 2002 ??Rev. 5
MC100EP40 ONSEMI-MC100EP40_06 Datasheet
134Kb / 9P
   3.3V / 5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 10
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Maxim Integrated Produc...
MAX9382 MAXIM-MAX9382 Datasheet
214Kb / 10P
   ECL/PECL Phase-Frequency Detectors
Rev 1; 11/02
logo
ON Semiconductor
MC100EP140 ONSEMI-MC100EP140_06 Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
logo
Micrel Semiconductor
SY89206V MICREL-SY89206V Datasheet
53Kb / 6P
   3.3V/5V 1GHz DIFFERENTIAL PECL/ECL RECEIVER/BUFFER
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY89306 MICREL-SY89306_06 Datasheet
53Kb / 6P
   3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com