전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BZA420A 데이터시트(HTML) 5 Page - NXP Semiconductors

부품명 BZA420A
상세내용  Quadruple ESD transient voltage suppressor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

BZA420A 데이터시트(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 5 / 12 page
background image
1999 May 20
5
Philips Semiconductors
Product specification
Quadruple ESD transient voltage suppressor
BZA420A
Fig.6 ESD clamping test set-up and waveforms.
handbook, full pagewidth
MBK386
450
50
Note 1: attenuator is only used for open
socket high voltage measurements
IEC 1000-4-2 network
CZ = 150 pF; RZ = 330 Ω
1/4 BZA420A
RG 223/U
50
Ω coax
RZ
CZ
ESD TESTER
DIGITIZING
OSCILLOSCOPE
10
×
ATTENUATOR
note 1
GND
unclamped
+1 kV ESD voltage waveform
(IEC 1000
−4−2 network)
clamped
+1 kV ESD voltage waveform
(IEC 1000
−4−2 network)
unclamped
−1 kV ESD voltage waveform
(IEC 1000
−4−2 network)
clamped
−1 kV ESD voltage waveform
(IEC 1000
−4−2 network)
GND
GND
GND
vertical scale = 100 V/Div
horizontal scale = 50 ns/Div
vertical scale = 10 V/Div
horizontal scale = 50 ns/Div
vertical scale = 100 V/Div
horizontal scale = 50 ns/Div
vertical scale = 10 V/Div
horizontal scale = 50 ns/Div


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn