전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BZA420A 데이터시트(HTML) 3 Page - NXP Semiconductors

부품명 BZA420A
상세내용  Quadruple ESD transient voltage suppressor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

BZA420A 데이터시트(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 3 / 12 page
background image
1999 May 20
3
Philips Semiconductors
Product specification
Quadruple ESD transient voltage suppressor
BZA420A
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
one or more diodes loaded
125
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
VZ
working voltage
IZ = 1 mA
19
20
21
V
VF
forward voltage
IF = 200 mA
−−
1.3
V
VZSM
non-repetitive peak reverse voltage IZSM = 0.7 A; tp =1ms
−−
28
V
IR
reverse current
VR =15V
−−
100
nA
rdif
differential resistance
IZ =1mA
−−
125
SZ
temperature coefficient of working
voltage
IZ =5mA
16.2
mV/K
Cd
diode capacitance
see Fig.5
VR = 0; f = 1 MHz
−−
48
pF
VR = 15 V; f = 1 MHz −−
14
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn