전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZA456A 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BZA456A
상세설명  Quadruple ESD transient voltage suppressor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZA456A 데이터시트(HTML) 3 Page - NXP Semiconductors

  BZA456A Datasheet HTML 1Page - NXP Semiconductors BZA456A Datasheet HTML 2Page - NXP Semiconductors BZA456A Datasheet HTML 3Page - NXP Semiconductors BZA456A Datasheet HTML 4Page - NXP Semiconductors BZA456A Datasheet HTML 5Page - NXP Semiconductors BZA456A Datasheet HTML 6Page - NXP Semiconductors BZA456A Datasheet HTML 7Page - NXP Semiconductors BZA456A Datasheet HTML 8Page - NXP Semiconductors BZA456A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1999 May 25
3
Philips Semiconductors
Product specification
Quadruple ESD transient voltage suppressor
BZA456A
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
one or more diodes loaded
125
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
VZ
working voltage
IZ = 1 mA
5.32
5.6
5.88
V
VF
forward voltage
IF = 200 mA
−−
1.3
V
VZSM
non-repetitive peak reverse voltage
IZSM = 3 A; tp =1ms
−−
8V
IR
reverse current
VR =3V
−−
2
µA
rdif
differential resistance
IZ = 250 µA
−−
1600
IZ =1mA
−−
400
SZ
temperature coefficient of working
voltage
IZ =5mA
1.2
mV/K
Cd
diode capacitance
see Fig.5
VR = 0; f = 1 MHz
−−
240
pF
VR = 3 V; f = 1 MHz
−−
140
pF


유사한 부품 번호 - BZA456A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZA456A NXP-BZA456A Datasheet
144Kb / 10P
   Quadruple ESD transient voltage suppressor
1999 May 25
logo
Nexperia B.V. All right...
BZA456A NEXPERIA-BZA456A Datasheet
328Kb / 11P
   Quadruple ESD transient voltage suppressor
1999 May 25
More results

유사한 설명 - BZA456A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZA418A PHILIPS-BZA418A Datasheet
62Kb / 12P
   Quadruple ESD transient voltage suppressor
2002 Sep 02
BZA800A PHILIPS-BZA800A_15 Datasheet
179Kb / 11P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Nexperia B.V. All right...
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
   Quadruple ESD transient voltage suppressor
2001 Sep 03
logo
NXP Semiconductors
BZA462A NXP-BZA462A Datasheet
148Kb / 10P
   Quadruple ESD transient voltage suppressor
1999 May 25
BZA900A NXP-BZA900A Datasheet
165Kb / 9P
   Quadruple ESD transient voltage suppressor
2001 Sep 03
BZA456A NXP-BZA456A Datasheet
144Kb / 10P
   Quadruple ESD transient voltage suppressor
1999 May 25
BZA462A PHILIPS-BZA462A Datasheet
77Kb / 12P
   Quadruple ESD transient voltage suppressor
1999 May 25
logo
Nexperia B.V. All right...
BZA420A NEXPERIA-BZA420A Datasheet
324Kb / 11P
   Quadruple ESD transient voltage suppressor
1999 May 20
logo
NXP Semiconductors
BZA420A PHILIPS-BZA420A Datasheet
69Kb / 12P
   Quadruple ESD transient voltage suppressor
1999 May 20
BZA800A NXP-BZA800A Datasheet
179Kb / 11P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Nexperia B.V. All right...
BZA800A_SERIES NEXPERIA-BZA800A_SERIES Datasheet
217Kb / 12P
   Quadruple ESD transient voltage suppressor
2000 Sep 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com