전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AAT3258 데이터시트(PDF) 3 Page - Advanced Analog Technology, Inc.

부품명 AAT3258
상세설명  300mA LDO Linear Regulator with uP Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AAT [Advanced Analog Technology, Inc.]
홈페이지  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3258 데이터시트(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3258 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3258 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
1
T
A = 25°C, unless otherwise noted.
Thermal Information
2
Recommended Operating Conditions
Symbol
Description
Value
Units
V
IN
Input Voltage to LDO
3
(V
OUT + VDO) to 5.5
V
V
DET
Input Voltage to µP Reset (0° to 70°C)
1.0 to 5.5
V
T
Ambient Temperature Range
-40 to +85
°C
Symbol
Description
Value
Units
θ
JA
Maximum Thermal Resistance
150
°C/W
P
D
Maximum Power Dissipation
833
mW
Symbol
Description
Value
Units
V
IN
Input Voltage
6.0
V
V
RESET
RESET to GND
-0.3 to V
DET + 0.3
V
V
SHDNIN(MAX)
Maximum SHDN to Input Voltage
0.3
V
I
OUT
LDO Regulator DC Output Current
P
D/(VIN- VO)mA
I
RESET
Maximum Reset Output Current
20
mA
∆V
DET/∆t
Maximum Rate of V
DET Rise
100
V/µs
T
J
Operating Junction Temperature Range
-40 to 150
°C
AAT3258
300mA LDO Linear Regulator with µP Reset
3258.2006.03.1.6
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on a demo board.
3. To calculate minimum input voltage, use the following equation: V
IN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN ≥ 2.5V.


유사한 부품 번호 - AAT3258

제조업체부품명데이터시트상세설명
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3258 ANALOGICTECH-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
AAT3258ITS-2.8-R-T1 ANALOGICTECH-AAT3258ITS-2.8-R-T1 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3258ITS-2.8-R-T1 ANALOGICTECH-AAT3258ITS-2.8-R-T1 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
AAT3258ITS-2.8-Y-T1 ANALOGICTECH-AAT3258ITS-2.8-Y-T1 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
More results

유사한 설명 - AAT3258

제조업체부품명데이터시트상세설명
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
   Low-Dropout, 300mA Linear Regulator with Reset
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com