전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SY88353BL 데이터시트(PDF) 3 Page - Micrel Semiconductor

부품명 SY88353BL
상세설명  3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88353BL 데이터시트(HTML) 3 Page - Micrel Semiconductor

  SY88353BL_07 Datasheet HTML 1Page - Micrel Semiconductor SY88353BL_07 Datasheet HTML 2Page - Micrel Semiconductor SY88353BL_07 Datasheet HTML 3Page - Micrel Semiconductor SY88353BL_07 Datasheet HTML 4Page - Micrel Semiconductor SY88353BL_07 Datasheet HTML 5Page - Micrel Semiconductor SY88353BL_07 Datasheet HTML 6Page - Micrel Semiconductor SY88353BL_07 Datasheet HTML 7Page - Micrel Semiconductor SY88353BL_07 Datasheet HTML 8Page - Micrel Semiconductor SY88353BL_07 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
SY88353BL
February 2007
3
M9999-021707-B
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Type
Pin Function
1
DIN
Data Input
True data input.
4
/DIN
Data Input
Complementary data input.
5
VTHN
DC Input
Tie this pin to pin 6 (VTHREF) and apply a DC voltage on pin 16
(VTHP) for signal crossing adjustment. Connect to ground if no
crossing adjustment is needed.
6
VTHREF
1.25V Reference voltage (referenced to ground) for decision
threshold adjustment.
7
LOS
Open-collector TTL
output
Loss-of-Signal: asserts high when the data input amplitude falls
below the threshold set by LOSLVL.
9
/DOUT
CML Output
Complementary data output.
12
DOUT
CML Output
True data output.
14
LOSLVL
Input
Loss-of-Signal Level Set. A resistor from this pin to VCC sets the
threshold for the data input amplitude at which LOS will be
asserted.
15
/EN
TTL Input: Default is
HIGH.
/Enable: This input enables the outputs when it is LOW. Note
that this input is internally connected to a 25kΩ pull-up resistor
and will default to a logic HIGH state if left open.
16
VTHP
DC Input
Apply a DC voltage from 0 to 2.4V to adjust the signal crossing
level when pin 5 (VTHN) is tied to pin 6 (VTHREF). 1.25V sets
the crossing close to 50%. Connect to ground if no crossing
adjustment is needed.
2, 3, 10, 11
GND
Ground
Device ground.
8, 13
VCC
Power Supply
Positive power supply.


유사한 부품 번호 - SY88353BL_07

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88353BLMG MICREL-SY88353BLMG Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88353BLMGTR MICREL-SY88353BLMGTR Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
More results

유사한 설명 - SY88353BL_07

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY88353BL MICREL-SY88353BL Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88053AL MICREL-SY88053AL Datasheet
453Kb / 12P
   3.3V, 12.5Gbps Limiting Post Amplifier with Programmable Decision Threshold
logo
Microchip Technology
SY88303BL MICROCHIP-SY88303BL Datasheet
947Kb / 19P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with Wide Loss-of-Signal Detection Range
09/14/21
SY88343BL MICROCHIP-SY88343BL Datasheet
891Kb / 18P
   3.3V, 3.2 Gbps CML Limiting Post Amplifier with High Gain TTL Loss-of-Signal
09/14/21
logo
Micrel Semiconductor
SY88063AL MICREL-SY88063AL Datasheet
397Kb / 11P
   3.3V, 12.5Gbps Limiting Post Amplifier with
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Analog Devices
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
Micrel Semiconductor
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com