전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7078M 데이터시트(PDF) 7 Page - Allegro MicroSystems

부품명 SLA7078M
상세설명  Motor Driver IC Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7078M 데이터시트(HTML) 7 Page - Allegro MicroSystems

Back Button SLA7078M Datasheet HTML 3Page - Allegro MicroSystems SLA7078M Datasheet HTML 4Page - Allegro MicroSystems SLA7078M Datasheet HTML 5Page - Allegro MicroSystems SLA7078M Datasheet HTML 6Page - Allegro MicroSystems SLA7078M Datasheet HTML 7Page - Allegro MicroSystems SLA7078M Datasheet HTML 8Page - Allegro MicroSystems SLA7078M Datasheet HTML 9Page - Allegro MicroSystems SLA7078M Datasheet HTML 10Page - Allegro MicroSystems SLA7078M Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SLA7075M, SLA7076M,
SLA7077M, and SLA7078M
Motor Driver ICs
7
www.allegromicro.com
PROTECTION CIRCUIT CHARACTERISTICS*
Valid at TA = 25°C, VBB = 24 V, VDD = 5 V, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
PR products
Overcurrent Sense Voltage
VOCP
Motor coils shorted
0.65
0.7
0.75
V
FLAG Output Voltage
VFlagL
IFLAGL = 1.25 mA
1.25
V
VFlagH
IFLAGH = –1.25 mA
VDD– 1.25
V
FLAG Output Current
IFlagL
1.25
mA
IFlagH
–1.25
mA
*Protection circuits work on the condition of VSInt ≥ VOCP.
RECOMMENDED OPERATING RANGES, applicable to both PR and R products, unless otherwise specified
Characteristics
Symbol
Remarks
Min
Max
Units
Load (Motor) Supply Voltage
VM
–44
V
Main Power Supply Voltage
VBB
10
44
V
Logic Supply Voltage
VDD
Surge voltage at VDD pin should be less
than ±0.5 V to avoid malfunctioning in
operation
3.0
5.5
V
Case Temperature
TC
Measured at pin 12, without heat sink
90
°C
ALLOWABLE POWER DISSIPATION
j-a= 26.6
/W
0
1
2
3
4
5
0
102030405060708090
Ambient Temperature, TA (°C)
PR and R Products


유사한 부품 번호 - SLA7078M

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA7078M SANKEN-SLA7078M Datasheet
2Mb / 36P
   Motor Driver ICs
SLA7078MPR SANKEN-SLA7078MPR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7078MPRT SANKEN-SLA7078MPRT Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7078MR SANKEN-SLA7078MR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
More results

유사한 설명 - SLA7078M

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com