전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLA7071MPR 데이터시트(PDF) 1 Page - Allegro MicroSystems

부품명 SLA7071MPR
상세설명  Motor Driver IC Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7071MPR 데이터시트(HTML) 1 Page - Allegro MicroSystems

  SLA7071MPR Datasheet HTML 1Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 2Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 3Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 4Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 5Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 6Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 7Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 8Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Sanken Power Devices
from Allegro MicroSystems
SLA7070M, SLA7071M,
SLA7072M, and SLA7073M
Motor Driver IC Family
The SLA7070M, SLA7071M, SLA7072M, and SLA7073M motor driver
ICs feature unipolar drivers. The clock-in type input interface allows simplified
control logic, and options for built-in sense current detection and load circuit
short or open protection (patent pending) provide lower loss, and lower thermal
resistance. All products in the SLA7070M series are pin-compatibile, support-
ing rapid design of application variants.
The built-in excitation distribution circuit (sequencer) allows motor control
using only the CLOCK signal for simple operations (rotate/stop), with motor
speed control by frequency input into CLOCK pin. This eliminates logic signal
lines required for conventional phase-input methods, and reduces demand on
heavily-used CPUs.
Contact Allegro® for application information and additional information on
device performance and logic.
Features
Power supply voltages, VBB: 46 V(max.), 10 to 44 V normal operating range
Logic supply voltages, VDD: 3.0 to 5.5 V
Maximum output currents: 1 A, 1.5 A, 2 A, 3 A
Built-in sequencer
Simplified clock-in stepping control
Both full/half-stepping
Built-in sense resistor, RSInt
All variants are pin-compatible for enhanced design flexibility
ZIP type 23-pin molded package (SLA package)
Self-excitation PWM current control with fixed off-time
Built-in synchronous rectifying circuit reduces losses at PWM off
Synchronous PWM chopping function prevents motor noise in Hold mode
Sleep mode for reducing the IC input current in stand-by state
Built-in protection circuitry against motor coil opens/shorts option available
FEATURES AND BENEFITS
ABSOLUTE MAXIMUM RATINGS
AT TA = 25°C
Load (Motor) Supply Voltage, VM .........46 V
Main Power Supply Voltage, VBB..........46 V
Logic Supply Voltage, VDD ...........................7 V
Output Current, IOUT
SLA7070M .................................1.0 A
SLA7071M .................................1.5 A
SLA7072M .................................2.0 A
SLA7073M .................................3.0 A
Logic Input Voltage, VIN
.............................. –0.3 to VDD+0.3 V
REF Input Voltage, VREF
............................................–0.3 to VDD+0.3 V
Sense Voltage, VSInt
tw < 1 μs is not considered.......... ±2 V
Power Dissipation, PD
Without heat sink ...................... 4.7 W
Junction Temperature, TJ.......................150°C
Ambient Temperature, TA.......–20 to 85°C
Storage Temperature, Tstg ...–30 to 150°C


유사한 부품 번호 - SLA7071MPR

제조업체부품명데이터시트상세설명
logo
Sanken electric
SLA7071MPR SANKEN-SLA7071MPR Datasheet
66Kb / 2P
   2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
SLA7071MPRT SANKEN-SLA7071MPRT Datasheet
66Kb / 2P
   2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
More results

유사한 설명 - SLA7071MPR

제조업체부품명데이터시트상세설명
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com