전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R-739.0P 데이터시트(PDF) 1 Page - Recom International Power

부품명 R-739.0P
상세설명  2, 3, 4 AMP SIP12 Vertical & Horizontal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

R-739.0P 데이터시트(HTML) 1 Page - Recom International Power

  R-739.0P Datasheet HTML 1Page - Recom International Power R-739.0P Datasheet HTML 2Page - Recom International Power R-739.0P Datasheet HTML 3Page - Recom International Power R-739.0P Datasheet HTML 4Page - Recom International Power R-739.0P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2, 3, 4 AMP
SIP12
Vertical &
Horizontal
INNOLINE
DC/DC-Converter
R-7xxxP_D
Series
Non-Isolated
Synchronous rectification design
Adjustable Output voltage
2, 3, 4AMP Adjustable Positive Step Down
Integrated Switching Regulator
Over load protection (125% full load typical)
Remote ON/OFF Control(Ground Off)
Wide Input Range
UL94V-0 Package Material
Continuous short circuit protection
(Very low short current Iin<50mA)
Input voltage range 4.5V~28V
Efficiency to 97%
Features
Selection Guide
Part
Input
Nominal
Vout
Output
Efficiency (%)
Number
Range
Output Voltage
Adjust Range
Current
Min. Vin 12V Max. Vin
SIP12
(V)
(V)
(V)
(A)
R-723.3x
4.5 – 28
3.3
2.5 – 5.5
2
95
93
89
R-725.0x
6.5 – 28
5.0
3.0 – 6.0
2
96
95
91
R-726.5x
8.5 – 28
6.5
5.0 – 8.0
2
97
96
93
R-729.0x
12 – 28
9.0
7.0 – 11
2
96
-
93
R-7212x
15 – 28
12
10 – 14
2
97
-
95
R-7215x
19 – 28
15
13 – 17
2
97
-
96
R-733.3x
4.5 – 28
3.3
2.5 – 5.5
3
94
93
89
R-735.0x
6.5 – 28
5.0
3.0 – 6.0
3
95
95
92
R-736.5x
8.5 – 28
6.5
5.0 – 8.0
3
97
96
93
R-739.0x
12 – 28
9.0
7.0 – 11
3
96
-
94
R-7312x
15 – 28
12
10 – 14
3
97
-
96
R-7315x
19 – 28
15
13 – 17
3
97
-
96
R-743.3x
4.5 – 28
3.3
2.5 – 5.5
4
93
92
88
R-745.0x
6.5 – 28
5.0
3.0 – 6.0
4
95
94
91
R-746.5x
8.5 – 28
6.5
5.0 – 7.5
4
96
96
93
Note: Vin-Vout
≥ 1.5V~4.0V depending on Vout if adjust function is used!
Suffix x: (see mechanical drawing for details)
x = P pins vertical through hole
x = D pins bent for horizontal through hole mounting
The R-7XXX series is a high performance 2.5V to 15V , 2Amp to 4Amp,12-Pin SIP (single in-line
package), Integrated switching regulator (ISR). The Synchronuous - rectified design yields excellent effi-
ciencies up to 97%. Short circuit protection with crowbar function reduces the short circuit current to
under 50mA of input current.
Description
27-March-2007
165
www.recom-international.com


유사한 부품 번호 - R-739.0P

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-739.0P RECOM-R-739.0P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R-739.0P RECOM-R-739.0P Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

유사한 설명 - R-739.0P

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P_16 Datasheet
113Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505EH30 PEAK-PZ8GG-0505EH30 Datasheet
179Kb / 2P
   PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com