전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZ75232 데이터시트(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

부품명 AZ75232
상세설명  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ75232 데이터시트(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ75232 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ75232 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ75232 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ75232 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ75232 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ75232 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ75232 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ75232 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ75232 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MULTIPLE RS-232 DRIVERS AND RECEIVERS
AZ75232
Preliminary Datasheet
5
Aug. 2006 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VOLTAGE SUPPLY SECTION (VCC=5V, VDD=9V, VSS=-9V, unless otherwise specified)
Supply Current from VDD
IDD
All inputs at
1.9V, no load
VDD=9V, VSS=-9V
15
mA
VDD=12V, VSS=-12V
19
VDD=15V, VSS=-15V
25
All inputs at
0.8V, no load
VDD=9V, VSS=-9V
4.5
VDD=12V, VSS=-12V
5.5
VDD=15V, VSS=-15V
9
Supply Current from VSS
ISS
All inputs at
1.9V, no load
VDD=9V, VSS=-9V
-15
mA
VDD=12V, VSS=-12V
-19
VDD=15V, VSS=-15V
-25
All inputs at
0.8V, no load
VDD=9V, VSS=-9V
-3.2
VDD=12V, VSS=-12V
-3.2
VDD=15V, VSS=-15V
-3.2
Supply Current from VCC
ICC
All inputs at 5V, no load, VCC=5V
30
mA
DRIVER SECTION (VCC=5V, VDD=9V, VSS=-9V, unless otherwise specified)
High-Level Output Voltage
VOH
VIL=0.8V, RL=3kΩ
67.5
V
Low-Level Output Voltage
VOL
VIH=1.9V, RL=3kΩ
-7.5
-6
V
High-Level Input Current
IIH
VI=5V
10
µA
Low-Level Input Current
IIL
VI=0V
-1.6
mA
High-Level Short-Circuit
Output Current
IOS(H)
VIL=0.8V, VO=0V
-4.5
-12
-19.5
mA
Low-Level Short-Circuit Out-
put Current
IOS(L)
VIH=2V, VO=0V
4.5
12
19.5
mA
Output Resistance
rO
VCC=VDD=VSS=0, VO=-2Vto 2V
300
DRIVER SECTION (VCC=5V, VDD=12V, VSS=-12V, unless otherwise specified)
Propagation Delay Time
Low to High Level Output
tPLH
RL=3kΩ to 7kΩ, CL=15pF
315
500
ns
Propagation Delay Time
High to Low Level Output
tPHL
RL=3kΩ to 7kΩ, CL=15pF
75
175
ns
Transition Time
Low to High Level Output
tTLH
RL=3kΩ to 7kΩ
CL=15pF
60
100
ns
CL=2500pF (Note 2)
1.7
2.5
µs
Transition Time
High to Low Level Output
tTHL
RL=3kΩ to 7kΩ
CL=15pF
40
75
ns
CL=2500pF (Note 2)
1.5
2.5
µs
Electrical Characteristics
(TA=25
oC, unless otherwise specified.)


유사한 부품 번호 - AZ75232

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AZ75232A DIODES-AZ75232A Datasheet
410Kb / 11P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
August 2014 Rev. 1 - 2
AZ75232AG-G1 DIODES-AZ75232AG-G1 Datasheet
410Kb / 11P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
August 2014 Rev. 1 - 2
AZ75232AGTR-G1 DIODES-AZ75232AGTR-G1 Datasheet
410Kb / 11P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
August 2014 Rev. 1 - 2
logo
BCD Semiconductor Manuf...
AZ75232G-E1 BCDSEMI-AZ75232G-E1 Datasheet
741Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
AZ75232G-G1 BCDSEMI-AZ75232G-G1 Datasheet
741Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

유사한 설명 - AZ75232

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com