전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AZ324 데이터시트(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

부품명 AZ324
상세설명  LOW POWER QUAD OPERATIONAL AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ324 데이터시트(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ324 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ324 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aug. 2006
BCD Semiconductor Manufacturing Limited
Product Brief
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324
Description
The AZ324 consists of four independent, high gain and
internally frequency compensated operational amplifiers.
It is specifically designed to operate from a single power
supply. Operation from split power supply is also possible
and the low power supply current drain is independent of
the magnitude of the power supply voltages.
Features
·
Internally Frequency Compensated for Unity Gain
·
Large Voltage Gain: 100dB (Typical)
·
Low Input Bias Current: 20nA (Typical)
·
Low Input Offset Voltage: 2mV (Typical)
·
Low Supply Current: 0.7mA (Typical)
·
Wide Power Supply Voltage Range:
Single Supply: 3V to 18V
Dual Supplies: ±1.5V to ±9V
·
Input Common Mode Voltage Range Includes
Ground
·
Large Output Voltage Swing: 0V to VCC-1.5V
·
Power Drain Suitable for Battery Operation
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
Benefits
·
Easier to use
·
Meet most application requirements of the industrial
standard 324
·
Very competitive price
Parametric Table
Input Voltage Range (V)
3 to 18
± 1.5 to ± 9
Input Offset Voltage (Typ/Max)
(mA)
2.0/5.0
Quiescent Current Over Full Tem-
perature Range (mA/Typ)
1.0
Large Signal Voltage Gain
(dB)(Typ)
100
CMRR (dB)(Typ)
85
PSRR (dB)(Typ)
90
Output Current Source (mA)(Typ)
45
Output Current Sink (mA)(Typ)
20
Operating Temperature Range (oC)
-40 to 85
Additional Available Materials
·
Samples
·
Datasheet
Pin Configuration
SOIC-14/DIP-14
INPUT 1-
INPUT 1+
VCC
INPUT 2+
INPUT 2-
OUTPUT 2
OUTPUT 1
14
OUTPUT 4
13
INPUT 4-
12
INPUT 4+
11
GND
10
INPUT 3+
9
INPUT 3-
8
OUTPUT 3
1
2
3
4
5
6
7


유사한 부품 번호 - AZ324

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AZ324 ETC1-AZ324 Datasheet
285Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ324 BCDSEMI-AZ324 Datasheet
269Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ324M ETC1-AZ324M Datasheet
285Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ324M BCDSEMI-AZ324M Datasheet
269Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324M-E1 BCDSEMI-AZ324M-E1 Datasheet
269Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results

유사한 설명 - AZ324

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com