전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS7805A 데이터시트(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

부품명 AS7805A
상세설명  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS7805A 데이터시트(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS7805A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS7805A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS7805A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS7805A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS7805A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS7805A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS7805A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS7805A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS7805A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS7805A
Preliminary Datasheet
4
Mar. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Package
Temperature Range
Part Number
Marking ID
Packing Type
TO-220-3
-40 to 125oC
AS7805AT-E1
AS7805AT-E1
Tube
TO-252-2 (1)
-40 to 125oC
AS7805AD-E1
AS7805AD-E1
Tube
AS7805ADTR-E1
AS7805AD-E1
Tape & Reel
Ordering Information
Circuit Type
Package
AS7805A
T: TO-220-3
-
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
E1: Lead Free
D: TO-252-2 (1)
TR: Tape and Reel
Blank: Tube


유사한 부품 번호 - AS7805A

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AS7805AD-E1 DIODES-AS7805AD-E1 Datasheet
731Kb / 27P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS7805AD-G1 DIODES-AS7805AD-G1 Datasheet
731Kb / 27P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS7805ADTR-E1 DIODES-AS7805ADTR-E1 Datasheet
731Kb / 27P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS7805ADTR-G1 DIODES-AS7805ADTR-G1 Datasheet
731Kb / 27P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS7805AT-E1 BCDSEMI-AS7805AT-E1 Datasheet
1,011Kb / 23P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

유사한 설명 - AS7805A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com