전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS78LXX 데이터시트(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

부품명 AS78LXX
상세설명  100mA POSITIVE VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BCDSEMI [BCD Semiconductor Manufacturing Limited]
홈페이지  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78LXX 데이터시트(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS78LXX_07 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS78LXX_07 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS78LXX_07 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS78LXX_07 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS78LXX_07 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS78LXX_07 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS78LXX_07 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78LXX_07 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78LXX_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Preliminary Datasheet
1
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
General Description
The AS78LXX series are three terminal positive regu-
lators designed for a wide variety of applications
including local, on-card regulation.
This series of regulators are complete with internal
current limiting, thermal shutdown protection, and
safe-area compensation which make them virtually
immune from output overload. If adequate heat sinking
are provided, these regulators can deliver output cur-
rents up to 100mA.
The AS78LXX series are available in TO-92 (bulk or
ammo packing) and SOT-89-3 packages.
Features
·
Output Current up to 100mA
·
Fixed Output Voltages of 5V, 12V, 15V, 18V and
24V
·
Output Voltage Accuracy of
±5% over the Full
Temperature Range
·
Internal Short Circuit Current Limiting
·
Internal Thermal Overload Protection
·
No External Components
·
Output Transistor Safe-area Protection
Applications
·
Consumer Electronics
·
Microprocessor Power Supply
·
Mother Board
Figure 1. Package Types of AS78LXX
TO-92
SOT-89-3
TO-92 Ammo Packing


유사한 부품 번호 - AS78LXX_07

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
More results

유사한 설명 - AS78LXX_07

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com