전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1616N 데이터시트(PDF) 7 Page - Sony Corporation

부품명 CXA1616N
상세설명  Sync Discriminator for CRT Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1616N 데이터시트(HTML) 7 Page - Sony Corporation

Back Button CXA1616N Datasheet HTML 3Page - Sony Corporation CXA1616N Datasheet HTML 4Page - Sony Corporation CXA1616N Datasheet HTML 5Page - Sony Corporation CXA1616N Datasheet HTML 6Page - Sony Corporation CXA1616N Datasheet HTML 7Page - Sony Corporation CXA1616N Datasheet HTML 8Page - Sony Corporation CXA1616N Datasheet HTML 9Page - Sony Corporation CXA1616N Datasheet HTML 10Page - Sony Corporation CXA1616N Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
– 7 –
CXA1616N/S
Electrical Characteristics
(Ta = 25°C, VCC = 12V, See the Electrical Characteristics Test Circuit)
No.
1
2
3
4
5
6
7
8
9
10
Item
Symbol
EVD
tV1
tV2
tV3
EHD
th1
th2
ECP
tC1
tC2
Measurement description
Measures the height of the VD
output wave for VS (vertical sparate
sync) input.
Input signal A (
tw = 12.5µs).
5V output power supply, RL = 2.2k
Ω.
Measures the width of the VD output
pulse for VS (vertical separate sync)
input.
Input signal A (tw = 12.5µs).
Measures the width of the VD output
pulse for CS (composite sync) input.
Input signal B (tw = 12.5µs)
Measures the width of the VD output
pulse for VIDEO IN (sync-on video)
input.
Input signal C (tw = 12.5µs).
Measures the height of the HD
output wave for CS (composite
sync) input.
Input signal D (tw = 0.65µs).
5V output power supply, R4 = 2.2k
Ω.
Measures the width of the HD output
pulse for CS (composite sync) input.
,
Input signal B (tw = 0.65µs).
Measures the width of the HD output
pulse for VIDIEO IN (sync-on video)
input.
Input signal C (tw = 0.65µs).
Measures the hight of the clamp
pulse output wave for CS (composite
sync) input.
Input signal B (tw = 0.65µs).
5V output power supply, R15 = 2.2k
Ω.
Measures the width of the clamp
pulse output pulse for CS (composite
sync) input.
Input signal B. Connects Pin 9 to
GND through a 560pF capacitor
and a 12k
Ω resistance in parallel.
Measures the width of the clamp
pulse output pulse for VIDEO IN
(sync-on video) input.
Input signal C. Connects Pin 9 to
GND through a 10nF capacitor and
a 12k
Ω resistance in parallel.
Measure-
ment point
VD
Pin 21
Pin 23
VD
Pin 21
Pin 23
VD
Pin 21
Pin 23
VD
Pin 21
Pin 23
HD
Pin 18
Pin 20
HD
Pin 18
Pin 20
HD
Pin 18
Pin 20
CLAMP
(Pin 10)
CLAMP
(Pin 10)
CLAMP
(Pin 10)
Max.
Typ.
Min.
Unit
VD output
voltage
VD output
pulse width 1
VD output
pulse width 2
VD output
pulse width 3
HD output
voltage
HD output
pulse width 1
HD output
pulse width 2
Clamp pulse
output voltage
Clamp pulse
output pulse
width 1
Clamp pulse
output pulse
width 2
(H level)
4.85
(L level)
0
11.5
6.5
6.5
(H level)
4.85
(L level)
0
0.5
0.5
(H level)
4.85
(L level)
0
3.7
5.0
0.15
12.5
10
10
5.0
0.15
0.65
0.65
5.0
0.15
0.25
4.1
5.0
0.4
13.5
12.5
12.5
5.0
0.4
0.8
0.8
5.0
0.4
4.5
V
V
µs
µs
µs
V
V
µs
µs
V
V
µs
µs
(
(
(
(
(
(
(
(
(
(
(
(
(
(


유사한 부품 번호 - CXA1616N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611N SONY-CXA1611N Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1611P SONY-CXA1611P Datasheet
362Kb / 17P
   FM/AM RADIO
CXA1619AM SONY-CXA1619AM Datasheet
193Kb / 11P
   FM/AM Radio
CXA1619AS SONY-CXA1619AS Datasheet
193Kb / 11P
   FM/AM Radio
More results

유사한 설명 - CXA1616N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA2016S SONY-CXA2016S Datasheet
183Kb / 12P
   Sync Identification for CRT Display
logo
Panasonic Semiconductor
AN5791 PANASONIC-AN5791 Datasheet
70Kb / 3P
   PHASE SHIFT CIRCUIT FOR CRT DISPLAYS
logo
Princeton Technology Co...
PT8501 PTC-PT8501 Datasheet
163Kb / 4P
   Synchronous Signal Discriminator for Multi-Sync Display Monitor
logo
List of Unclassifed Man...
WT8043 ETC-WT8043 Datasheet
84Kb / 20P
   Synchronous Signal discriminator for Multi-Sync Display Monitor
logo
Rohm
BA9755S ROHM-BA9755S Datasheet
135Kb / 10P
   High voltage controller for CRT displays
logo
Sanyo Semicon Device
STK190-020 SANYO-STK190-020 Datasheet
99Kb / 5P
   Video Output Bias Circuit for CRT Displays?
STK190-010 SANYO-STK190-010 Datasheet
98Kb / 5P
   Video Output Bias Circuit for CRT Displays
logo
Rohm
BA9756FS ROHM-BA9756FS Datasheet
120Kb / 9P
   High-voltage control circuit for CRT displays
logo
NTE Electronics
NTE7086 NTE-NTE7086 Datasheet
24Kb / 3P
   Integrated Circuit Sync Deflection Circuit for CRT Display
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com