전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC08E 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 DAC08E
상세설명  8-Bit high-speed multiplying D/A converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08E 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button DAC08E Datasheet HTML 3Page - NXP Semiconductors DAC08E Datasheet HTML 4Page - NXP Semiconductors DAC08E Datasheet HTML 5Page - NXP Semiconductors DAC08E Datasheet HTML 6Page - NXP Semiconductors DAC08E Datasheet HTML 7Page - NXP Semiconductors DAC08E Datasheet HTML 8Page - NXP Semiconductors DAC08E Datasheet HTML 9Page - NXP Semiconductors DAC08E Datasheet HTML 10Page - NXP Semiconductors DAC08E Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
722
TYPICAL PERFORMANCE CHARACTERISTICS
10
IFS — OUTPUT FULL SCALE CURRENT (mA)
50ns/DIVISIOM
REQ = 200Ω, RL = 100Ω, CC = 0
2.0mA
NOTES:
Curve 1:
CC = 15pF, VIN = 2.0VP-P centered at +1.0V
Curve 1:
CC = 15pF, VIN = 5m0VP-P centered at +200mV
Curve 1:
CC = 15pF, VIN = 100m0VP-P centered at 0V
and applied through 50
Ω connected to Pin 14.
+2.0V applied to R14.
Output Current vs Output Voltage
(Output Voltage Compliance)
Fast Pulsed Reference Operation
True and Complementary Output
Operation
Full-Scale Settling Time
LSB Switching
Full-Scale Current vs
Reference Current
LSB Propagation Delay vs IFS
Reference Input Frequency Response
IREF — REFERENCE CURRENT (mA)
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
TA = Tmin TO Tmax
ALL BITS “HIGH”
LIMIT FOR
V–=–15V
LIMIT FOR
V–=–5V
(00000000)
(11111111)
0mA
1.0mA
IOUT
IOUT
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
OUTPUT VOLTAGE (V)
ALL BITS ON
–14 –10
–6
–2 0 2
6
10
14
18
2.5V
0.5V
–0.5mA
–2.5mA
VIN
IOUT
200ns/division
BIT 8
LOGIC
INPUT
IOUT
8
µA
2.4V
0.4V
0V
0
ALL BITS SWITCHED ON
OUTPUT – 1/2LSB
SETTLING +1/2LSB
0
2.4V
0.4V
50ns/DIVISIOM
IFS=2mA, RL=1kΩ 1/2LSB=4µA
500
400
300
200
100
0
1LSB=78nA
1LSB=7.8
µA
FREQUENCY (MHz)
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
0.1
0.2
0.5
1.0
2.0
5.0
R14=R15=1k
3
2
1
RL ≤ 500Ω
ALL BITS “ON”
VR15 = 0V
IREF = 0.2mA
IREF = 1mA
IREF = 2mA
V– = –15V
V– = –5V
TA = Tmin TO Tmax


유사한 부품 번호 - DAC08E

제조업체부품명데이터시트상세설명
logo
Analog Devices
DAC08EP AD-DAC08EP Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08EP AD-DAC08EP Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
DAC08EPZ AD-DAC08EPZ Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
DAC08EQ AD-DAC08EQ Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08EQ AD-DAC08EQ Datasheet
218Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
More results

유사한 설명 - DAC08E

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
   8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
   8-Bit Multiplying D/A Converter
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com