전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1216MTD 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FIN1216MTD
상세설명  LVDS 21-Bit Serializers/De-Serializers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1216MTD 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN1216MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 7Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 8Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 9Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 10Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 11Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 12Page - Fairchild Semiconductor FIN1216MTD Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
www.fairchildsemi.com
Receiver AC Electrical Characteristics
Over supply voltage and operating temperatures, unless otherwise specified
Note 18: Receiver skew margin is defined as the valid sampling window after considering potential setup/hold time and minimum/maximum bit position.
Note 19: Total channel latency from serializer to deserializer is (T
 tTCCD)  (2*T  tRCCD). There is the clock period.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tRCOL
RxCLKOut LOW Time
10.0
11.0
ns
tRCOH
RxCLKOut HIGH Time
See Figure 8
10.0
12.2
ns
tRSRC
RxOut Valid Prior to RxCLKOut
(Rising Edge Strobe)
6.5
11.6
ns
tRHRC
RxOut Valid After RxCLKOut
(f
40 MHz)
6.0
11.6
ns
tRCOP
Receiver Clock Output (RxCLKOut) Period
15.0
T
50.0
ns
tRCOL
RxCLKOut LOW Time
See Figure 8
5.0
7.8
9.0
ns
tRCOH
RxCLKOut HIGH Time
(Rising Edge Strobe)
5.0
7.3
9.0
ns
tRSRC
RxOut Valid Prior to RxCLKOut
(f
65 MHz)
4.5
7.7
ns
tRHRC
RxOut Valid After RxCLKOut
4.0
8.4
ns
tRCOP
Receiver Clock Output (RxCLKOut) Period
11.76
T
50.0
ns
tRCOL
RxCLKOut LOW Time
See Figure 8
4.0
6.3
6.0
ns
tRCOH
RxCLKOut HIGH Time
(Rising Edge Strobe)
4.5
5.4
6.5
ns
tRSRC
RxOut Valid Prior to RxCLKOut
(f
85 MHz) (FIN1218 only)
3.5
6.3
ns
tRHRC
RxOut Valid After RxCLKOut
3.5
6.5
ns
tROLH
Output Rise Time (20% to 80%)
CL 8 pF
2.2
5.0
ns
tROHL
Output Fall Time (80% to 20%)
See Figure 5
2.1
5.0
ns
tRCCD
Receiver Clock Input to Clock Output Delay
See Figure 10 (Note 19)
3.5
6.9
7.5
ns
TA 25qC and VCC 3.3V
tRPDD
Receiver Power-Down Delay
See Figure 14
1.0
Ps
tRSPB0
Receiver Input Strobe Position of Bit 0
1.0
2.15
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
4.5
5.8
ns
tRSPB2
Receiver Input Strobe Position of Bit 2
See Figure 17
8.1
9.15
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
(f
40 MHz)
11.6
12.6
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
15.1
16.3
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
18.8
19.9
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
22.5
23.6
ns
tRSPB0
Receiver Input Strobe Position of Bit 0
0.7
1.4
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
2.9
3.6
ns
tRSPB2
Receiver Input Strobe Position of Bit 2
See Figure 17
5.1
5.8
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
(f
65 MHz)
7.3
8.0
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
9.5
10.2
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
11.7
12.4
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
13.9
14.6
ns
tRSPB0
Receiver Input Strobe Position of Bit 0
0.49
1.19
ns
tRSPB1
Receiver Input Strobe Position of Bit 1
2.17
2.87
ns
tRSPB2
Receiver Input Strobe Position of Bit 2
3.85
4.55
ns
tRSPB3
Receiver Input Strobe Position of Bit 3
See Figure 17
5.53
6.23
ns
tRSPB4
Receiver Input Strobe Position of Bit 4
(f
85 MHz) (FIN1218 only)
7.21
7.91
ns
tRSPB5
Receiver Input Strobe Position of Bit 5
8.89
9.59
ns
tRSPB6
Receiver Input Strobe Position of Bit 6
10.57
11.27
ns
tRSKM
RxIn Skew Margin
f
40 MHz; See Figure 18
490
ps
(Note 18)
f
65 MHz; See Figure 18
400
f
85 MHz (FIN1218 only);
252
See Figure 18
tRPLLS
Receiver Phase Lock Loop Set Time
See Figure 12
10.0
ms


유사한 부품 번호 - FIN1216MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1216MTD FAIRCHILD-FIN1216MTD Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1216MTDX FAIRCHILD-FIN1216MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1216MTDX ONSEMI-FIN1216MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
More results

유사한 설명 - FIN1216MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com