전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM1236 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 FM1236
상세설명  Desktop video & FM radio module system M, N
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1236 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button FM1236 Datasheet HTML 7Page - NXP Semiconductors FM1236 Datasheet HTML 8Page - NXP Semiconductors FM1236 Datasheet HTML 9Page - NXP Semiconductors FM1236 Datasheet HTML 10Page - NXP Semiconductors FM1236 Datasheet HTML 11Page - NXP Semiconductors FM1236 Datasheet HTML 12Page - NXP Semiconductors FM1236 Datasheet HTML 13Page - NXP Semiconductors FM1236 Datasheet HTML 14Page - NXP Semiconductors FM1236 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Feb 03
11
Philips Components
Preliminary specification
Desktop video & FM radio module
system M, N
FM1236
Note
1. All the pins of the desktop video tuner are protected against electrostatic discharge (ESD) up to 2 kV. The product is
classified in category B
(‘‘MIL-STD-883C”).
FM radio characteristics
α26
limiting sensitivity for (S+N)/N
test signal C1
530
dB
µV
α50
test signal C3
30
40
dB
µV
S/N ratio:
test signal C1
mono at f = 22.5 kHz
55
58
dB
mono at f = 75 kHz
65
68
dB
stereo
test signal C3
55
63
dB
αi(FM)
FM image rejection
test signal C1
53
60
dB
effective selectivity S300
test signal C1 + C2
50
−−
dB
frequency response:
test signal C3;
−3 dB points
lower
−3 dB point
20
40
Hz
upper
−3 dB point
14
18
kHz
AM suppression
test signal C1
38
−−
dB
FM AF output level at
terminal 20/21 (RMS value):
mono
test signal C1
40
57
74
mV
stereo
test signal C3
120
175
230
mV
stereo separation
test signal C3; 1 kHz
28
35
dB
total harmonic distortion:
test signal C3
stereo at 1 kHz
0.8
1.5
%
during overmodulation at
f=
±100 kHz
1.5
3
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - FM1236

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM1233A FAIRCHILD-FM1233A Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ABAS3X FAIRCHILD-FM1233ABAS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ACS3X FAIRCHILD-FM1233ACS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233ADS3X FAIRCHILD-FM1233ADS3X Datasheet
67Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
More results

유사한 설명 - FM1236

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
FM1246 PHILIPS-FM1246 Datasheet
177Kb / 24P
   Desktop video & FM radio module system CCIR I
1997 May 14
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
   AM/FM RADIO SYSTEM
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
   FM/AM Radio Receiver System
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
STMicroelectronics
TCA3189 STMICROELECTRONICS-TCA3189 Datasheet
165Kb / 4P
   FM-IF HIGH QUALITY RADIO SYSTEM
June 1988
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
   AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
   AM radio / FM IF stereo system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com