전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4538BCM 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 CD4538BCM
상세설명  Dual Precision Monostable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4538BCM 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button CD4538BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4538BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4538BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4538BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4538BCM Datasheet HTML 7Page - Fairchild Semiconductor CD4538BCM Datasheet HTML 8Page - Fairchild Semiconductor CD4538BCM Datasheet HTML 9Page - Fairchild Semiconductor CD4538BCM Datasheet HTML 10Page - Fairchild Semiconductor CD4538BCM Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
Test Circuits and Waveforms (Continued)
RX = RX′ = 100 kΩ
CX = CX′ = 100 pF
C1 = C2 = 0.1 µF
Duty Cycle
= 50%
FIGURE 14. Power Dissipation Test
Circuit and Waveforms


유사한 부품 번호 - CD4538BCM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4538BCM FAIRCHILD-CD4538BCM Datasheet
135Kb / 11P
   Dual Precision Monostable
More results

유사한 설명 - CD4538BCM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4538BC FAIRCHILD-CD4538BC Datasheet
135Kb / 11P
   Dual Precision Monostable
logo
National Semiconductor ...
CD4538BC NSC-CD4538BC Datasheet
237Kb / 10P
   Dual Precision Monostable
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
logo
Rohm
BU4538B ROHM-BU4538B Datasheet
88Kb / 5P
   Dual precision monostable multivibrator
logo
NXP Semiconductors
HEF4538B NXP-HEF4538B Datasheet
107Kb / 17P
   Dual precision monostable multivibrator
Rev. 06-2 November 2009
HEC4538 PHILIPS-HEC4538 Datasheet
106Kb / 8P
   Dual precision monostable multivibrator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com