전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX79-A33 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BZX79-A33
상세설명  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX79-A33 데이터시트(HTML) 5 Page - NXP Semiconductors

  BZX79-A33 Datasheet HTML 1Page - NXP Semiconductors BZX79-A33 Datasheet HTML 2Page - NXP Semiconductors BZX79-A33 Datasheet HTML 3Page - NXP Semiconductors BZX79-A33 Datasheet HTML 4Page - NXP Semiconductors BZX79-A33 Datasheet HTML 5Page - NXP Semiconductors BZX79-A33 Datasheet HTML 6Page - NXP Semiconductors BZX79-A33 Datasheet HTML 7Page - NXP Semiconductors BZX79-A33 Datasheet HTML 8Page - NXP Semiconductors BZX79-A33 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 2
Per type, BZX79-B/C27 to BZX79-B/C75
Tj =25 °C unless otherwise specified.
BZX79-
Bxxx
Cxxx
WORKING VOLTAGE
VZ (V)
at IZtest =2mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =2mA
(see Figs 5 and 6)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A)
at tp = 100 µs; Tamb =25 °C
Tol.
±2% (B)
Tol. approx.
±5% (C)
at IZtest = 0.5 mA at IZtest =2mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
MAX.
MAX.
27
26.50
27.50
25.1
28.9
65
300
25
80
18.0
22.7
25.3
50
1.0
30
29.40
30.60
28.0
32.0
70
300
30
80
20.6
25.7
29.4
50
1.0
33
32.30
33.70
31.0
35.0
75
325
35
80
23.3
28.7
33.4
45
0.9
36
35.30
36.70
34.0
38.0
80
350
35
90
26.0
31.8
37.4
45
0.8
39
38.20
39.80
37.0
41.0
80
350
40
130
28.7
34.8
41.2
45
0.7
43
42.10
43.90
40.0
46.0
85
375
45
150
31.4
38.8
46.6
40
0.6
47
46.10
47.90
44.0
50.0
85
375
50
170
35.0
42.9
51.8
40
0.5
51
50.00
52.00
48.0
54.0
90
400
60
180
38.6
46.9
57.2
40
0.4
56
54.90
57.10
52.0
60.0
100
425
70
200
42.2
52.0
63.8
40
0.3
62
60.80
63.20
58.0
66.0
120
450
80
215
58.8
64.4
71.6
35
0.3
68
66.60
69.40
64.0
72.0
150
475
90
240
65.6
71.7
79.8
35
0.25
75
73.50
76.50
70.0
79.0
170
500
95
255
73.4
80.2
88.6
35
0.2


유사한 부품 번호 - BZX79-A33

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BZX79-B/C10 NEXPERIA-BZX79-B/C10 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
BZX79-B/C11 NEXPERIA-BZX79-B/C11 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
BZX79-B/C12 NEXPERIA-BZX79-B/C12 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
BZX79-B/C13 NEXPERIA-BZX79-B/C13 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
BZX79-B/C15 NEXPERIA-BZX79-B/C15 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
More results

유사한 설명 - BZX79-A33

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com