전자부품 데이터시트 검색엔진 |
|
BZX79-A43 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
BZX79-A43 데이터시트(HTML) 8 Page - NXP Semiconductors |
8 / 12 page 2002 Feb 27 8 Philips Semiconductors Product specification Voltage regulator diodes BZX79 series PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ Note 1. The marking band indicates the cathode. SOD27 DO-35 A24 SC-40 97-06-09 Hermetically sealed glass package; axial leaded; 2 leads SOD27 UNIT b max. mm 0.56 D max. G1 max. 25.4 4.25 1.85 L min. DIMENSIONS (mm are the original dimensions) G1 L D L b (1) 0 1 2 mm scale |
유사한 부품 번호 - BZX79-A43 |
|
유사한 설명 - BZX79-A43 |