전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFR9024 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 SFR9024
상세설명  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFR9024 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  SFR9024 Datasheet HTML 1Page - Fairchild Semiconductor SFR9024 Datasheet HTML 2Page - Fairchild Semiconductor SFR9024 Datasheet HTML 3Page - Fairchild Semiconductor SFR9024 Datasheet HTML 4Page - Fairchild Semiconductor SFR9024 Datasheet HTML 5Page - Fairchild Semiconductor SFR9024 Datasheet HTML 6Page - Fairchild Semiconductor SFR9024 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFR/U9024
10
-1
10
0
10
1
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
V
GS
Top :
- 15V
- 10 V
- 8.0 V
- 7.0 V
- 6.0 V
- 5.5V
- 5.0 V
Bottom : - 4.5V
-V
DS
, Drain-Source Voltage [V]
24
68
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= -30 V
3. 250
µs Pulse Test
-V
GS
, Gate-Source Voltage [V]
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
-1
10
0
10
1
150
oC
25
oC
@ Notes :
1. V
GS
= 0 V
2. 250
µs Pulse Test
-V
SD , Source-Drain Voltage
[V]
10
0
10
1
0
200
400
600
800
C
iss= Cgs+ Cgd ( Cds= shorted )
C
oss= Cds+ Cgd
C
rss= Cgd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS
, Drain-Source Voltage [V]
04
8
12
16
0
5
10
V
DS
= -48 V
V
DS
= -30 V
V
DS
= -12 V
@ Notes : I
D =-9.7 A
Q
G , Total Gate Charge
[nC]
0
5
10
15
20
25
30
35
40
0.10
0.15
0.20
0.25
0.30
0.35
0.40
@ Note : T
J = 25
oC
V
GS = -20 V
V
GS = -10 V
-I
D , Drain Current
[A]
P-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


유사한 부품 번호 - SFR9024

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
SFR9024 ISC-SFR9024 Datasheet
321Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
More results

유사한 설명 - SFR9024

제조업체부품명데이터시트상세설명
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com