전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM236-2.5 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LM236-2.5
상세설명  2.5V INTEGRATED REFERENCE CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM236-2.5 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM236-2.5 Datasheet HTML 3Page - Texas Instruments LM236-2.5 Datasheet HTML 4Page - Texas Instruments LM236-2.5 Datasheet HTML 5Page - Texas Instruments LM236-2.5 Datasheet HTML 6Page - Texas Instruments LM236-2.5 Datasheet HTML 7Page - Texas Instruments LM236-2.5 Datasheet HTML 8Page - Texas Instruments LM236-2.5 Datasheet HTML 9Page - Texas Instruments LM236-2.5 Datasheet HTML 10Page - Texas Instruments LM236-2.5 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MECHANICAL DATA
MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LP (O-PBCY-W3)
PLASTIC CYLINDRICAL PACKAGE
4040001-2 /C 10/01
STRAIGHT LEAD OPTION
0.016 (0,41)
0.014 (0,35)
0.157 (4,00) MAX
FORMED LEAD OPTION
0.104 (2,65)
0.210 (5,34)
0.170 (4,32)
0.050 (1,27)
0.016 (0,41)
0.022 (0,56)
0.500 (12,70) MIN
Seating
Plane
0.175 (4,44)
0.205 (5,21)
0.165 (4,19)
0.125 (3,17)
DIA
D
C
0.105 (2,67)
0.095 (2,41)
0.135 (3,43) MIN
0.080 (2,03)
0.055 (1,40)
0.045 (1,14)
1
0.105 (2,67)
23
0.080 (2,03)
0.105 (2,67)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Lead dimensions are not controlled within this area
D. FAlls within JEDEC TO -226 Variation AA (TO-226 replaces TO-92)
E. Shipping Method:
Straight lead option available in bulk pack only.
Formed lead option available in tape & reel or ammo pack.


유사한 부품 번호 - LM236-2.5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
logo
National Semiconductor ...
LM236-2.5 NSC-LM236-2.5 Datasheet
223Kb / 12P
   Reference Diode
LM236-2.5 NSC-LM236-2.5 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
LM236-2.5 TI-LM236-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
More results

유사한 설명 - LM236-2.5

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_16 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
   2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com