전자부품 데이터시트 검색엔진 |
|
LM293PE4 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
LM293PE4 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 18 page LM193, LM293, LM293A LM393, LM393A, LM2903, LM2903V DUAL DIFFERENTIAL COMPARATORS SLCS005T − JUNE 1976 − REVISED FEBRUARY 2007 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† LM193 LM293 LM393 UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage VCC = 5 V to 30 V, VO = 1.4 V, 25 °C 2 5 2 5 mV VIO Input offset voltage CC VO = 1.4 V, VIC = VIC(min) Full range 9 9 mV IIO Input offset current VO = 1.4 V 25 °C 3 25 5 50 nA IIO Input offset current VO = 1.4 V Full range 100 250 nA IIB Input bias current VO = 1.4 V 25 °C −25 −100 −25 −250 nA IIB Input bias current VO = 1.4 V Full range −300 −400 nA VICR Common-mode ‡ 25 °C 0 to VCC − 1.5 0 to VCC − 1.5 V VICR Common-mode input voltage range‡ Full range 0 to VCC − 2 0 to VCC − 2 V AVD Large-signal differential-voltage amplification VCC = 15 V, VO = 1.4 V to 11.4 V, RL ≥ 15 kΩ to VCC 25 °C 50 200 50 200 V/mV IOH High-level VOH = 5 V, VID = 1 V 25 °C 0.1 0.1 50 nA IOH High-level output current VOH = 30 V, VID = 1 V Full range 1 1 µA VOL Low-level IOL = 4 mA, VID = −1 V 25 °C 150 400 150 400 mV VOL Low-level output voltage IOL = 4 mA, VID = −1 V Full range 700 700 mV IOL Low-level output current VOL = 1.5 V, VID = −1 V 25 °C 6 6 mA ICC Supply current RL = ∞ VCC = 5 V 25 °C 0.8 1 0.8 1 mA ICC Supply current RL = ∞ VCC = 30 V Full range 2.5 2.5 mA † Full range (MIN or MAX) for LM193 is −55°C to 125°C, for LM293 is 25°C to 85°C, and for LM393 is 0°C to 70°C. All characteristics are measured with zero common-mode input voltage, unless otherwise specified. ‡ The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper end of the common-mode voltage range is VCC+ − 1.5 V for the inverting input (−), and the non-inverting input (+) can exceed the VCC level; the comparator provides a proper output state. Either or both inputs can go to 30 V without damage. |
유사한 부품 번호 - LM293PE4 |
|
유사한 설명 - LM293PE4 |