전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVCA406 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AVCA406
상세설명  MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AVCA406 Datasheet HTML 1Page - Texas Instruments SN74AVCA406 Datasheet HTML 2Page - Texas Instruments SN74AVCA406 Datasheet HTML 3Page - Texas Instruments SN74AVCA406 Datasheet HTML 4Page - Texas Instruments SN74AVCA406 Datasheet HTML 5Page - Texas Instruments SN74AVCA406 Datasheet HTML 6Page - Texas Instruments SN74AVCA406 Datasheet HTML 7Page - Texas Instruments SN74AVCA406 Datasheet HTML 8Page - Texas Instruments SN74AVCA406 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74AVCA406
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card
±15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SCES615H – OCTOBER 2004 – REVISED JANUARY 2007
• Transceiver for Memory Card Interface
• ESD Protection for Card-Side Pins (B Port)
[MultiMediaCard (MMC), Secure Digital (SD),
±15 kV (±12 kV on Pin 14B) – IEC 61000-4-2
Memory Stick™ Compliant Products,
ESD, Air-Gap Discharge
SmartMedia Card, and xD-Picture Card™]
±8 kV – IEC 61000-4-2 ESD, Contact
• Configurable I/O Switching Levels With
Discharge
Dual-Supply Pins Operating Over Full 1.4-V to
• ESD Protection for A-Port Pins (Tested Per
3.6-V Power-Supply Range
JESD 22) Exceeds
• For Low-Power Operation, A Ports Are Placed
2000-V Human-Body Model (A114-B
in High-Impedance State When Card-Side
1000-V Charged-Device Model (C101)
Supply Voltage Is Switched Off
xxxxxxx
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
The SN74AVCA406 is a transceiver for interfacing microprocessors with MultiMediaCards (MMCs), secure
digital (SD) cards, Memory Stick™ compliant products, SmartMedia cards, or xD-Picture Cards™. It integrates
high ESD protection, which eliminates the need for external ESD diodes. Two supply-voltage pins allow the
A-port and B-port input switching thresholds to be configured separately. The A port is designed to track VCCA,
while the B port is designed to track VCCB0 and VCCB1. VCCA ,VCCB0 and VCCB1 can accept any supply voltage
from 1.4 V to 3.6 V.
Memory card standards recommend high ESD protection for devices that connect directly to the external
memory card. To meet this need, the SN74AVCA406 incorporates
±15-kV air-gap discharge and ±8-kV contact
discharge protection on the card side. If VCCB0 and VCCB1 are switched off (no card inserted), the A-port outputs
are placed in the high-impedance state to conserve power.
The SN74AVCA406 enables system designers to easily interface low-voltage microprocessors to different
memory cards operating at higher voltages. The mode (MODE0 and MODE1) pins are used to configure the
device to interface with different types of cards.
The SN74AVCA406 is offered in the 48-ball MicroStar Jr.™ ball grid array (BGA) package. This package has
dimensions of 4
× 4 mm, with a 0.5-mm ball pitch for effective board-space savings. Memory cards are widely
used in mobile phones, PDAs, digital cameras, personal media players, camcorders, set-top boxes, etc. Low
static power consumption and small package size make the SN74AVCA406 an ideal choice for these
applications.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TSSOP – DGGR
Tape and reel
SN74AVCA406DGGR
AVCA406
–40
°C to 85°C
VFBGA – GQC
Tape and reel
SN74AVCA406GQCR
WM406
VFBGA – ZQC (Pb-free)
Tape and reel
SN74AVCA406ZQCR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74AVCA406

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGR TI-SN74AVCA406DGGR Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGR TI1-SN74AVCA406DGGR Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGRE4 TI-SN74AVCA406DGGRE4 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results

유사한 설명 - SN74AVCA406

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com