전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AVCA406 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AVCA406
상세설명  MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AVCA406 Datasheet HTML 1Page - Texas Instruments SN74AVCA406 Datasheet HTML 2Page - Texas Instruments SN74AVCA406 Datasheet HTML 3Page - Texas Instruments SN74AVCA406 Datasheet HTML 4Page - Texas Instruments SN74AVCA406 Datasheet HTML 5Page - Texas Instruments SN74AVCA406 Datasheet HTML 6Page - Texas Instruments SN74AVCA406 Datasheet HTML 7Page - Texas Instruments SN74AVCA406 Datasheet HTML 8Page - Texas Instruments SN74AVCA406 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
www.ti.com
DGG PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
3DIR
4DIR
1A
2A
3A
VCCA
GND
10A1
10A2
9A
4A
9DIR
56DIR
78DIR
6A
7A
8A
VCCA
GND
5A
12A
11A
13A
CS1
2DIR
1DIR
MODE1
MODE0
10B1
GND
VCCB0
9B1
1B
2B
3B
4B
12B
11B
9B2
10B2
14B
GND
VCCB1
5B
6B
7B
8B
CS0
Device Operation
SN74AVCA406
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card
±15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SCES615H – OCTOBER 2004 – REVISED JANUARY 2007
The A port is designed to track VCCA. VCCA accepts any supply voltage from 1.4 V to 3.6 V. The B port is
designed to track VCCB0 and VCCB1. VCCB0 and VCCB1 can accept any supply voltage from 1.4 V to 3.6 V;
however, VCCB0, VCCB1, or both must be greater than or equal to VCCA during normal operation. If VCCB0 and
VCCB1 are both at GND, the A port is in the high-impedance state. The control pins are supplied by VCCA. The
microprocessor is connected to the A port, and the memory card(s) are connected to the B port. The device can
be configured using MODE0, MODE1, CS0, and CS1 pins to interface with 1-bit, 4-bit, or 8-bit memory cards.
Outputs 12A and 14B are push-pull and open drain (OD), respectively, except for NAND flash (XD) mode, where
they are open drain and push-pull, respectively.
Table 1. Interface With Different Memory Cards
MODE0
MODE1
MEMORY-CARD INTERFACE
0
X
SD/SDIO/MMC/Memory Stick/Memory Stick PRO
1
0
8-bit MMC/4-bit + GPIO translation
1
1
SmartMedia/xD-Picture Card
3
Submit Documentation Feedback


유사한 부품 번호 - SN74AVCA406

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGR TI-SN74AVCA406DGGR Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGR TI1-SN74AVCA406DGGR Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGRE4 TI-SN74AVCA406DGGRE4 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results

유사한 설명 - SN74AVCA406

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com