전자부품 데이터시트 검색엔진 |
|
TL432IPKG3 데이터시트(PDF) 3 Page - Texas Instruments |
|
TL432IPKG3 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 61 page PREVIEW TL431, TL431A, TL431B TL432, TL432A, TL432B ADJUSTABLE PRECISION SHUNT REGULATORS SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Vref TOLERANCE (25°C) = 2% TL431, TL432 ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING‡ PDIP (P) Tube of 50 TL431CP TL431CP SOIC (D) Tube of 75 TL431CD TL431C SOIC (D) Reel of 2500 TL431CDR TL431C SOP (PS) Reel of 2000 TL431CPSR T431 Reel of 3000 TL431CDBVR T3C_ SOT-23-5 (DBV) Reel of 250 TL431CDBVT T3C_ SOT-23-5 (DBV) Reel of 3000 TL432CDBVR T4C_ Reel of 250 TL432CDBVT T4C_ Reel of 3000 TL431CDBZR T3C_ SOT-23-3 (DBZ) Reel of 250 TL431CDBZT T3C_ 0 °C to 70°C SOT-23-3 (DBZ) Reel of 3000 TL432CDBZR T4C_ 0 C to 70 C Reel of 250 TL432CDBZT T4C_ SOT-89 (PK) Reel of 1000 TL431CPK 43 SOT-89 (PK) Reel of 1000 TL432CPK 2A Bulk of 1000, straight lead TL431CLP TO-226/TO-92 (LP) Ammo of 2000, formed lead TL431CLPM TL431C Reel of 2000, formed lead TL431CLPR TSSOP (PW) Tube of 150 TL431CPW T431 TSSOP (PW) Reel of 2000 TL431CPWR T431 PDIP (P) Tube of 50 TL431IP TL431IP SOIC (D) Tube of 75 TL431ID TL431I SOIC (D) Reel of 2500 TL431IDR TL431I Reel of 3000 TL431IDBVR T3I_ SOT-23-5 (DBV) Reel of 250 TL431IDBVT T3I_ SOT-23-5 (DBV) Reel of 3000 TL432IDBVR T4I_ Reel of 250 TL432IDBVT T4I_ Reel of 3000 TL431IDBZR T3I_ −40 C to 85 C SOT-23-3 (DBZ) Reel of 250 TL431IDBZT T3I_ −40 °C to 85°C SOT-23-3 (DBZ) Reel of 3000 TL432IDBZR T4I_ Reel of 250 TL432IDBZT T4I_ SOT-89 (PK) Reel of 1000 TL431IPK 3I SOT-89 (PK) Reel of 1000 TL432IPK 2B Bulk of 1000, straight lead TL431ILP TO-226/TO-92 (LP) Ammo of 2000, formed lead TL431ILPM TL431I Reel of 2000, formed lead TL431ILPR † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. ‡ DBV/DBZ: The actual top-side marking has one additional character that designates the assembly/test site. |
유사한 부품 번호 - TL432IPKG3 |
|
유사한 설명 - TL432IPKG3 |