전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431QDE4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TL431QDE4
상세설명  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL431QDE4 데이터시트(HTML) 3 Page - Texas Instruments

  TL431QDE4 Datasheet HTML 1Page - Texas Instruments TL431QDE4 Datasheet HTML 2Page - Texas Instruments TL431QDE4 Datasheet HTML 3Page - Texas Instruments TL431QDE4 Datasheet HTML 4Page - Texas Instruments TL431QDE4 Datasheet HTML 5Page - Texas Instruments TL431QDE4 Datasheet HTML 6Page - Texas Instruments TL431QDE4 Datasheet HTML 7Page - Texas Instruments TL431QDE4 Datasheet HTML 8Page - Texas Instruments TL431QDE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
PREVIEW
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Vref TOLERANCE (25°C) = 2%
TL431, TL432 ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431CP
TL431CP
SOIC (D)
Tube of 75
TL431CD
TL431C
SOIC (D)
Reel of 2500
TL431CDR
TL431C
SOP (PS)
Reel of 2000
TL431CPSR
T431
Reel of 3000
TL431CDBVR
T3C_
SOT-23-5 (DBV)
Reel of 250
TL431CDBVT
T3C_
SOT-23-5 (DBV)
Reel of 3000
TL432CDBVR
T4C_
Reel of 250
TL432CDBVT
T4C_
Reel of 3000
TL431CDBZR
T3C_
SOT-23-3 (DBZ)
Reel of 250
TL431CDBZT
T3C_
0
°C to 70°C
SOT-23-3 (DBZ)
Reel of 3000
TL432CDBZR
T4C_
0 C to 70 C
Reel of 250
TL432CDBZT
T4C_
SOT-89 (PK)
Reel of 1000
TL431CPK
43
SOT-89 (PK)
Reel of 1000
TL432CPK
2A
Bulk of 1000,
straight lead
TL431CLP
TO-226/TO-92 (LP)
Ammo of 2000,
formed lead
TL431CLPM
TL431C
Reel of 2000,
formed lead
TL431CLPR
TSSOP (PW)
Tube of 150
TL431CPW
T431
TSSOP (PW)
Reel of 2000
TL431CPWR
T431
PDIP (P)
Tube of 50
TL431IP
TL431IP
SOIC (D)
Tube of 75
TL431ID
TL431I
SOIC (D)
Reel of 2500
TL431IDR
TL431I
Reel of 3000
TL431IDBVR
T3I_
SOT-23-5 (DBV)
Reel of 250
TL431IDBVT
T3I_
SOT-23-5 (DBV)
Reel of 3000
TL432IDBVR
T4I_
Reel of 250
TL432IDBVT
T4I_
Reel of 3000
TL431IDBZR
T3I_
−40 C to 85 C
SOT-23-3 (DBZ)
Reel of 250
TL431IDBZT
T3I_
−40
°C to 85°C
SOT-23-3 (DBZ)
Reel of 3000
TL432IDBZR
T4I_
Reel of 250
TL432IDBZT
T4I_
SOT-89 (PK)
Reel of 1000
TL431IPK
3I
SOT-89 (PK)
Reel of 1000
TL432IPK
2B
Bulk of 1000,
straight lead
TL431ILP
TO-226/TO-92 (LP)
Ammo of 2000,
formed lead
TL431ILPM
TL431I
Reel of 2000,
formed lead
TL431ILPR
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ: The actual top-side marking has one additional character that designates the assembly/test site.


유사한 부품 번호 - TL431QDE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL431QDE4 TI-TL431QDE4 Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431QDE4 TI-TL431QDE4 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431QDE4 TI-TL431QDE4 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431QDE4 TI-TL431QDE4 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431QDE4 TI-TL431QDE4 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

유사한 설명 - TL431QDE4

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com