전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA733MJB 데이터시트(PDF) 1 Page - Texas Instruments

부품명 UA733MJB
상세설명  DIFFERENTIAL VIDEO AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UA733MJB 데이터시트(HTML) 1 Page - Texas Instruments

  UA733MJB Datasheet HTML 1Page - Texas Instruments UA733MJB Datasheet HTML 2Page - Texas Instruments UA733MJB Datasheet HTML 3Page - Texas Instruments UA733MJB Datasheet HTML 4Page - Texas Instruments UA733MJB Datasheet HTML 5Page - Texas Instruments UA733MJB Datasheet HTML 6Page - Texas Instruments UA733MJB Datasheet HTML 7Page - Texas Instruments UA733MJB Datasheet HTML 8Page - Texas Instruments UA733MJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
The
and no longer supplied.
mA733M is obsolete
mA733C, mA733M
DIFFERENTIAL VIDEO AMPLIFIERS
SLFS027B − NOVEMBER 1970 − REVISED MAY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 200-MHz Bandwidth
D 250-kΩ Input Resistance
D Selectable Nominal Amplification of 10,
100, or 400
D No Frequency Compensation Required
1
2
3
4
5
10
9
8
7
6
IN+
GAIN ADJ 2A
GAIN ADJ 1A
VCC−
OUT+
IN −
GAIN ADJ 2B
GAIN ADJ 1B
VCC+
OUT−
mA733M ...U PACKAGE
(TOP VIEW)
NC
 No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN+
NC
GAIN ADJ 2A
GAIN ADJ 1A
VCC−
NC
OUT+
IN−
NC
GAIN ADJ 2B
GAIN ADJ 1B
VCC+
NC
OUT−
mA733C ...D, N, OR NS PACKAGE
mA733M ...J PACKAGE
(TOP VIEW)
description/ordering information
The
µA733 is a monolithic two-stage video amplifier with differential inputs and differential outputs. Internal
series-shunt feedback provides wide bandwidth, low phase distortion, and excellent gain stability.
Emitter-follower outputs enable the device to drive capacitive loads, and all stages are current-source biased
to obtain high common-mode and supply-voltage rejection ratios.
Fixed differential amplification of 10 V/ V, 100 V/ V, or 400 V/ V may be selected without external components,
or amplification may be adjusted from 10 V/ V to 400 V/ V by the use of a single external resistor connected
between 1A and 1B. No external frequency-compensating components are required for any gain option.
The device is particularly useful in magnetic-tape or disc-file systems using phase or NRZ encoding and in
high-speed thin-film or plated-wire memories. Other applications include general-purpose video and pulse
amplifiers where wide bandwidth, low phase shift, and excellent gain stability are required.
The
µA733C is characterized for operation from 0°C to 70°C; the µA733M is characterized for operation over
the full military temperature range of −55
°C to 125°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
P-DIP (N)
Tube of 25
UA733CN
UA733CN
0
°C to 70°C
SOIC (D)
Tube of 50
UA733CD
UA733C
0
°C to 70°C
SOIC (D)
Reel of 2500
UA733CDR
UA733C
SOP (NS)
Reel of 2000
UA733CNSR
UA733
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


유사한 부품 번호 - UA733MJB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA733MJB TI1-UA733MJB Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
More results

유사한 설명 - UA733MJB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA733 TI-UA733 Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733C TI1-UA733C Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
Harris Corporation
CA3002 HARRIS-CA3002 Datasheet
298Kb / 6P
   DIFFERENTIAL AMPLIFIERS
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
National Semiconductor ...
LM592 NSC-LM592 Datasheet
174Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
List of Unclassifed Man...
UA733 ETC2-UA733 Datasheet
157Kb / 5P
   DIFFERENTIAL VIDEO AMPLIFIER
logo
Texas Instruments
TL592 TI1-TL592 Datasheet
95Kb / 5P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
REVISED NOVEMBER 1991
TL592B TI-TL592B Datasheet
339Kb / 11P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIER
logo
NXP Semiconductors
MA733 PHILIPS-MA733 Datasheet
135Kb / 9P
   Differential video amplifier
April 15, 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com