전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HA-2600 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 HA-2600
상세설명  12MHz, High Input Impedance Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2600 데이터시트(HTML) 4 Page - Intersil Corporation

  HA-2600_06 Datasheet HTML 1Page - Intersil Corporation HA-2600_06 Datasheet HTML 2Page - Intersil Corporation HA-2600_06 Datasheet HTML 3Page - Intersil Corporation HA-2600_06 Datasheet HTML 4Page - Intersil Corporation HA-2600_06 Datasheet HTML 5Page - Intersil Corporation HA-2600_06 Datasheet HTML 6Page - Intersil Corporation HA-2600_06 Datasheet HTML 7Page - Intersil Corporation HA-2600_06 Datasheet HTML 8Page - Intersil Corporation HA-2600_06 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN2902.7
January 16, 2006
Schematic Diagram
BAL
R1
1K
R2
4.18K
R3
1.56K
R4
1.56K
Q1
Q3
Q4
Q5
Q6
Q7
Q11
+INPUT
Q8
Q13
Q16
Q30
Q29
Q31
Q28
Q26
Q25
Q9
Q10
Q17
Q18
Q27
Q12
Q15
Q2
Q40
Q38
Q37
Q24
Q19
R7
1.35
R19
2.5K
RP1
BAL
C2
9pF
R5
600
R6
15
V+
Q41
Q42
Q60
Q61
Q59
Q58
Q57
Q55 Q54
Q43
Q44
Q45
Q46
Q47
COMPENSATION
OUT
R18
30
R17
30
Q52
Q51
R11
4.0K
Q49
Q50
C1
16pF
R12
1.6K
R13
1.6K
R14
2.1K
Q22
Q23
R9
4.5K
R10
2.0K
Q21
Q48
R15
800
Q36
Q35
Q32
Q33
Q56
Q53
R16
15
V-
Q20
R8
1K
-INPUT
Q39
C3
16pF
C4
4pF
Typical Applications
NOTE: A small load capacitance is recommended in all applications where practical to prevent possible high frequency oscillations resulting from
external wiring parasitics. Capacitance up to 100pF has negligible effect on the bandwidth or slew rate.
FIGURE 5. PHOTO CURRENT TO VOLTAGE CONVERTER
FIGURE 6. SAMPLE AND HOLD
50pF (NOTE)
6V
V+
5pF
IB = 1nA
+
+
BAL
HA-2600
R = 40k
SILICON PHOTO
DIODE
IP = 50µA
+6V
+2V
1
µs
VO = -R(IP ± IB)
-
FEATURES:
1. Constant cell voltage.
2. Minimum bias current error.
+5V
+15V
IN
DIGITAL CONTROL
OUT
50pF (NOTE)
C
MULTIPLEXER
+
-15V
HA-2600
DRIFT RATE =
IBIAS
C
If C = 1000pF
Then DRIFT = 0.01V/
µs (Max)
-
HA-2600


유사한 부품 번호 - HA-2600_06

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
logo
Renesas Technology Corp
HA-2600 RENESAS-HA-2600 Datasheet
381Kb / 9P
   12MHz, High Input Impedance Operational Amplifier
January 16, 2006
More results

유사한 설명 - HA-2600_06

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HA-2505 RENESAS-HA-2505 Datasheet
481Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505_03 Datasheet
328Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
logo
Renesas Technology Corp
HA-2515 RENESAS-HA-2515 Datasheet
489Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2515 INTERSIL-HA-2515 Datasheet
209Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
logo
Renesas Technology Corp
HA-2600 RENESAS-HA-2600 Datasheet
381Kb / 9P
   12MHz, High Input Impedance Operational Amplifier
January 16, 2006
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505 Datasheet
93Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 1999
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com