์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HA-5102 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Intersil Corporation

๋ถ€ํ’ˆ๋ช… HA-5102
์ƒ์„ธ๋‚ด์šฉ  Dual and Quad, 8MHz, Low Noise Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  INTERSIL [Intersil Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.intersil.com/cda/home
Logo 

HA-5102 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 13 page
 4 / 13 page
background image
4
FN2925.9
Test Circuits and Waveforms
FIGURE 1. LARGE SIGNAL RESPONSE CIRCUIT
FIGURE 2. SMALL SIGNAL RESPONSE CIRCUIT
NOTES:
9. AV = -1.
10. Feedback and summing resistors should be 0.1% matched.
11. Clipping diodes are optional, HP5082-2810 recommended.
FIGURE 3. SETTLING TIME CIRCUIT
+
50pF
OUT
IN
2k
โ„ฆ
2k
โ„ฆ
1k
โ„ฆ
+5V
0V
-5V
+5V
0V
-5V
-
Vertical = 5V/Div., Horizontal = 5
ยตs/Div. (AV = -1)
INPUT
OUTPUT
+
50pF
IN
2k
โ„ฆ
200mV
INPUT
0V
OUTPUT
-
Vertical = 40mV/Div., Horizontal = 50ns/Div. (AV = +1)
+
VIN
2k
โ„ฆ
+15V
VOUT
TO
OSCILLOSCOPE
2N4416
50pF
+15V
-15V
5k
โ„ฆ
2k
โ„ฆ
2k
โ„ฆ
200
โ„ฆ (NOTE 9)
500
โ„ฆ (NOTE 9)
5k
โ„ฆ
-
HA-5102, HA-5104


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn