전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS82C55A-5Z 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 CS82C55A-5Z
상세설명  CMOS Programmable Peripheral Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C55A-5Z 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button CS82C55A-5Z Datasheet HTML 2Page - Intersil Corporation CS82C55A-5Z Datasheet HTML 3Page - Intersil Corporation CS82C55A-5Z Datasheet HTML 4Page - Intersil Corporation CS82C55A-5Z Datasheet HTML 5Page - Intersil Corporation CS82C55A-5Z Datasheet HTML 6Page - Intersil Corporation CS82C55A-5Z Datasheet HTML 7Page - Intersil Corporation CS82C55A-5Z Datasheet HTML 8Page - Intersil Corporation CS82C55A-5Z Datasheet HTML 9Page - Intersil Corporation CS82C55A-5Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
FN2969.10
November 16, 2006
The modes for Port A and Port B can be separately defined,
while Port C is divided into two portions as required by the
Port A and Port B definitions. All of the output registers,
including the status flip-flops, will be reset whenever the
mode is changed. Modes may be combined so that their
functional definition can be “tailored” to almost any I/O
structure. For instance: Group B can be programmed in
Mode 0 to monitor simple switch closings or display
computational results, Group A could be programmed in
Mode 1 to monitor a keyboard or tape reader on an interrupt-
driven basis.
The mode definitions and possible mode combinations may
seem confusing at first, but after a cursory review of the
complete device operation a simple, logical I/O approach will
surface. The design of the 82C55A has taken into account
things such as efficient PC board layout, control signal
definition vs. PC layout and complete functional flexibility to
support almost any peripheral device with no external logic.
Such design represents the maximum use of the available
pins.
Single Bit Set/Reset Feature (Figure 5)
Any of the eight bits of Port C can be Set or Reset using a
single Output instruction. This feature reduces software
requirements in control-based applications.
When Port C is being used as status/control for Port A or B,
these bits can be set or reset by using the Bit Set/Reset
operation just as if they were output ports.
Interrupt Control Functions
When the 82C55A is programmed to operate in mode 1 or
mode 2, control signals are provided that can be used as
interrupt request inputs to the CPU. The interrupt request
signals, generated from port C, can be inhibited or enabled
by setting or resetting the associated INTE flip-flop, using
the bit set/reset function of port C.
This function allows the programmer to enable or disable a
CPU interrupt by a specific I/O device without affecting any
other device in the interrupt structure.
INTE Flip-Flop Definition
(BIT-SET)-INTE is SET - Interrupt Enable
(BIT-RESET)-INTE is Reset - Interrupt Disable
NOTE: All Mask flip-flops are automatically reset during mode
selection and device Reset.
Operating Modes
Mode 0 (Basic Input/Output). This functional configuration
provides simple input and output operations for each of the
three ports. No handshaking is required, data is simply
written to or read from a specific port.
Mode 0 Basic Functional Definitions:
• Two 8-bit ports and two 4-bit ports
• Any Port can be input or output
• Outputs are latched
• Inputs are not latched
• 16 different Input/Output configurations possible
FIGURE 5. BIT SET/RESET FORMAT
D7 D6 D5
D4 D3 D2 D1 D0
BIT SET/RESET
1 = SET
0 = RESET
BIT SELECT
0
BIT SET/RESET FLAG
CONTROL WORD
DON’T
CARE
X
X
X
0 = ACTIVE
1 2345 67
01 0101 01
00 1100 11
00 0011 11
B0
B1
B2
MODE 0 PORT DEFINITION
A
B
GROUP A
#
GROUP B
D4
D3
D1
D0
PORT A
PORTC
(Upper)
PORT B
PORTC
(Lower)
0
0
0
0
Output
Output
0
Output
Output
0
0
0
1
Output
Output
1
Output
Input
0
0
1
0
Output
Output
2
Input
Output
0
0
1
1
Output
Output
3
Input
Input
0
1
0
0
Output
Input
4
Output
Output
0
1
0
1
Output
Input
5
Output
Input
0
1
1
0
Output
Input
6
Input
Output
0
1
1
1
Output
Input
7
Input
Input
1
0
0
0
Input
Output
8
Output
Output
1
0
0
1
Input
Output
9
Output
Input
1
0
1
0
Input
Output
10
Input
Output
1
0
1
1
Input
Output
11
Input
Input
1
1
0
0
Input
Input
12
Output
Output
1
1
0
1
Input
Input
13
Output
Input
1
1
1
0
Input
Input
14
Input
Output
1
1
1
1
Input
Input
15
Input
Input
82C55A


유사한 부품 번호 - CS82C55A-5Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CS82C55A-5Z INTERSIL-CS82C55A-5Z Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
More results

유사한 설명 - CS82C55A-5Z

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TMP82C255A TOSHIBA-TMP82C255A Datasheet
682Kb / 32P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Intersil Corporation
CS82C55AZ96 INTERSIL-CS82C55AZ96 Datasheet
560Kb / 29P
   CMOS Programmable Peripheral Interface
logo
Harris Corporation
82C55A HARRIS-82C55A Datasheet
234Kb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
MS82C55A INTERSIL-MS82C55A_06 Datasheet
500Kb / 26P
   CMOS Programmable Peripheral Interface
MS82C55A INTERSIL-MS82C55A Datasheet
502Kb / 24P
   CMOS Programmable Peripheral Interface
logo
List of Unclassifed Man...
SMC82C55AC-5 ETC1-SMC82C55AC-5 Datasheet
293Kb / 6P
   CMOS PROGRAMMABLE PERIPHERAL INTERFACE
logo
Wing Shing Computer Com...
WS82C55A WINGS-WS82C55A Datasheet
457Kb / 25P
   CMOS Programmable peripheral Interface
logo
Renesas Technology Corp
MS82C55A RENESAS-MS82C55A Datasheet
1Mb / 26P
   CMOS Programmable Peripheral Interface
logo
Intersil Corporation
82C55A INTERSIL-82C55A Datasheet
233Kb / 26P
   CMOS Programmable Peripheral Interface
June 1998
logo
Renesas Technology Corp
82C55A RENESAS-82C55A Datasheet
818Kb / 30P
   CMOS Programmable Peripheral Interface
Dec 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com