전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMA3018QFN 데이터시트(PDF) 1 Page - Filtronic Compound Semiconductors

부품명 FMA3018QFN
상세설명  MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FILTRONIC [Filtronic Compound Semiconductors]
홈페이지  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3018QFN 데이터시트(HTML) 1 Page - Filtronic Compound Semiconductors

  FMA3018QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3018QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3018QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3018QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
FMA3018Q
Preliminary Datasheet v2.1
FN
YPICAL
APPLICATIONS:
Tower mounted
stations
FEATURES (1.7-2.0GHZ):
Balanced low noise amplifier module
No external couplers required
Excellent 40 dBm Output IP3
25 dBm Output Power (P1dB)
Excellent Return Loss (RL): -25dB
14.5 dB Small-Signal Gain (SSG)
1.2 dB Noise Figure
5 V supply (240mA current)
Cost effective footprint: 4mm x 4mm QFN
6 mm x 6mm evaluation board available
RoHS compliant: (Directive 2002/95/EC)
GENERAL DESCRIPTION:
The BA1500QFN MMIC module is a self-
biased, integrated and packaged balanced
amplifier mounted onto 6x6mm
2 FR4 board.
The active device is a pair of pseudomorphic
High Electron Mobility Transistors (pHEMT)
specifically
optimised
for
balanced
configuration systems.
The Filtronic 0.25µm
process
ensures
class-leading
noise
performance.
The use of a small footprint
plastic package allows for a cost effective total
system implementation.
BOARD PHOTOGRAPH:
T
Wireless infrastructure:
Amplifiers and front end LNAs for
EGSM/PCS/WCDMA/UMTS base
High intercept-point LNAs
ELECTRICAL SPECIFICATIONS:
Note: TAMBIENT = 22°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Frequency
Freq
VDS = 5.0 V; IDS = 240mA
1.7
1.85
2
GHz
Minimum Noise Figure
NF
VDS = 5.0 V; IDS = 240mA
1.2
1.3
1.6
dB
Input Third-Order Intercept Point
IIP3
VDS = 5.0 V; IDS = 240mA
24
25.5
26.5
dBm
Small-Signal Gain
SSG
VDS = 5.0 V; IDS = 240mA
14
14.5
15.5
dB
Small-Signal Input Return Loss
S11
VDS = 5.0 V; IDS = 240mA
-25
-23
-20
dB
Small-Signal Output Return Loss
S22
VDS = 5.0 V; IDS = 240mA
-25
-23
-22
dB
Power at 1dB Gain Compression
P1dB
VDS = 5.0 V; IDS = 240mA
24.5
25
25.5
dBm


유사한 부품 번호 - FMA3018QFN

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
More results

유사한 설명 - FMA3018QFN

제조업체부품명데이터시트상세설명
logo
Filtronic Compound Semi...
FMA3019QFN FILTRONIC-FMA3019QFN Datasheet
127Kb / 4P
   HIGH LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
FPM2750QFN FILTRONIC-FPM2750QFN Datasheet
418Kb / 8P
   LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102A ETC-AH102A Datasheet
235Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH102A-G TRIQUINT-AH102A-G_15 Datasheet
203Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH101 ETC-AH101 Datasheet
214Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A WJCI-AH102A Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102 ETC-AH102 Datasheet
278Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH101-G TRIQUINT-AH101-G_15 Datasheet
566Kb / 7P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH201 ETC-AH201 Datasheet
220Kb / 4P
   Medium Power, High Linearity Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com