전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101AW 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 SD101AW
상세설명  SCHOTTKY BARRIER SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD101AW 데이터시트(HTML) 1 Page - Diodes Incorporated

  SD101AW Datasheet HTML 1Page - Diodes Incorporated SD101AW Datasheet HTML 2Page - Diodes Incorporated SD101AW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SD101AW - SD101CW
SCHOTTKY BARRIER SWITCHING DIODE
Features
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Negligible Reverse Recovery Time
Very Low Reverse Capacitance
Lead Free/RoHS Compliant (Note 3)
Mechanical Data
Case: SOD-123
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Leads: Solderable per MIL-STD-202, Method
208
Lead Free Plating (Matte Tin Finish annealed
over Alloy 42 leadframe)
Polarity: Cathode Band
Marking: Date Code & Type Code, See Page 3
Type Codes: SD101AW
S1 or SK
SD101BW
S2 or SK
SD101CW
S3 or SK
Ordering Information: See Page 3
Weight: 0.01 grams (approximate)
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
1.35
0.45
0.65
E
0.55 Typical
G
0.25
H
0.11 Typical
J
0.10
α
0
°
8
°
All Dimensions in mm
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
SD101AW
SD101BW
SD101CW
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60
50
40
V
RMS Reverse Voltage
VR(RMS)
42
35
28
V
Forward Continuous Current (Note 1)
IFM
15
mA
Non-Repetitive Peak Forward Surge Current
@ t
≤ 1.0s
@ t = 10
μs
IFSM
50
2.0
mA
A
Power Dissipation (Note 1)
Pd
400
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
300
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
SD101AW
SD101BW
SD101CW
V(BR)R
60
50
40
V
IR = 10μA
IR = 10μA
IR = 10μA
Forward Voltage Drop
SD101AW
SD101BW
SD101CW
SD101AW
SD101BW
SD101CW
VFM
0.41
0.40
0.39
1.00
0.95
0.90
V
IF = 1.0mA
IF = 1.0mA
IF = 1.0mA
IF = 15mA
IF = 15mA
IF = 15mA
Peak Reverse Current (Note 2)
SD101AW
SD101BW
SD101CW
IRM
200
nA
VR = 50V
VR = 40V
VR = 30V
Total Capacitance
SD101AW
SD101BW
SD101CW
CT
2.0
2.1
2.2
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
1.0
ns
IF = IR = 5.0mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
1.
Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration pulse test used to minimize self-heating effect.
3.
No purposefully added lead.
DS11012 Rev. 17 - 2
1 of 3
www.diodes.com
SD101AW-SD101CW
© Diodes Incorporated
SPICE MODELS: SD101AW SD101BW SD101CW


유사한 부품 번호 - SD101AW

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SD101AW DIODES-SD101AW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Jiangsu Changjiang Elec...
SD101AW JIANGSU-SD101AW Datasheet
748Kb / 4P
   SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
SD101AW JINANJINGHENG-SD101AW Datasheet
87Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Diodes Incorporated
SD101AW DIODES-SD101AW Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
General Semiconductor
SD101AW GE-SD101AW Datasheet
104Kb / 3P
   Schottky Diodes
More results

유사한 설명 - SD101AW

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
LLSD101A MCC-LLSD101A Datasheet
360Kb / 2P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AW UTC-SD103AW Datasheet
82Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD103AW_ DIODES-SD103AW_ Datasheet
246Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11013 Rev. 21 - 2
logo
Sensitron
SD103AWS SENSITRON-SD103AWS Datasheet
88Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS_17 Datasheet
179Kb / 3P
   Schottky Barrier Switching Diode
logo
Unisonic Technologies
SD103AWS UTC-SD103AWS Datasheet
138Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Diodes Incorporated
SD101AW-7-F DIODES-SD101AW-7-F Datasheet
115Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
SD103AW TSC-SD103AW Datasheet
46Kb / 2P
   Schottky Barrier Switching Diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com