전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAZ30-13-F 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 SMAZ30-13-F
상세설명  1.0W SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAZ30-13-F 데이터시트(HTML) 1 Page - Diodes Incorporated

  SMAZ30-13-F Datasheet HTML 1Page - Diodes Incorporated SMAZ30-13-F Datasheet HTML 2Page - Diodes Incorporated SMAZ30-13-F Datasheet HTML 3Page - Diodes Incorporated SMAZ30-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS18015 Rev. 14 - 2
1 of 4
SMAZ5V1 - SMAZ39
www.diodes.com
ã Diodes Incorporated
SMAZ5V1 - SMAZ39
1.0W SURFACE MOUNT ZENER DIODE
·
1.0W Power Dissipation
·
Ideally Suited for Automatic Assembly
·
5.1V - 39V Nominal Zener Voltage Range
·
Standard VZ Tolerance is ± 5%
·
Lead Free Finish/RoHS Compliant (Note 2)
Features
Maximum Ratings @TA = 25°C unless otherwise specified
·
Case: SMA
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
·
Marking: Marking & Date Code (See Page 2)
·
Ordering Information: See Page 2
·
Polarity: Cathode Notch or Cathode Band
·
Weight: 0.064 grams (approximate)
Mechanical Data
A
B
C
D
G
H
E
J
Characteristic
Symbol
Value
Unit
Zener Current (see Table page 2)
IZM
Pd / VZ
mA
Forward Voltage
@IF = 200mA
VF
1.2
V
Power Dissipation
@TA = 50°C
Derate Above 50°C (Note 1)
Pd
1.0
8.0
W
mW/°C
Typical Thermal Resistance - Junction to Terminal (Note 1)
RqJT
30
°C/W
Typical Thermal Resistance - Junction to Ambient (Note 1)
RqJA
125
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
SPICE MODELS: SMAZ5V1 SMAZ5V6 SMAZ6V2 SMAZ6V8 SMAZ7V5 SMAZ8V2 SMAZ9V1 SMAZ10 SMAZ12 SMAZ15 SMAZ16 SMAZ18 SMAZ20 SMAZ24
SMAZ27 SMAZ30 SMAZ33 SMAZ36 SMAZ39


유사한 부품 번호 - SMAZ30-13-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAZ30 DIODES-SMAZ30 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ30 DIODES-SMAZ30 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ30 DIODES-SMAZ30 Datasheet
369Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ30 VISHAY-SMAZ30 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ30 DIODES-SMAZ30 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

유사한 설명 - SMAZ30-13-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Won-Top Electronics
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZM4728A DIODES-ZM4728A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
SMAZ5V1 DIODES-SMAZ5V1_15 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com