์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

1N5820 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Diodes Incorporated

๋ถ€ํ’ˆ๋ช… 1N5820
์ƒ์„ธ๋‚ด์šฉ  3.0A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  DIODES [Diodes Incorporated]
ํ™ˆํŽ˜์ด์ง€  http://www.diodes.com
Logo 

1N5820 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
Notes:
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap2008.pdf
DS23003 Rev. 8 - 2
2 of 2
1N5820-1N5822
www.diodes.com
0
1
2
3
4
10
50
100
150
T , LEAD TEMPERATURE (ยบC)
Fig. 1 Forward Current Derating Curve
L
Single Phase Half-Wave
60 Hz Resistive or Inductive
Load 9.5mm Lead Length
10
100
1000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance
R
T = 25ยบC
j
f = 1MHz
V
= 50m Vp-p
sig
0
20
40
60
80
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
T= T
J
J(max)
0.1
1.0
10
30
0.1
0.3
0.5
0.7
0.9
1.1
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Voltage Characteristics
F
Device
Packaging
Shipping
1N5820-B
DO-201AD
500 Bulk
1N5820-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5821-B
DO-201AD
500 Bulk
1N5821-T
DO-201AD
1.2K/Tape & Reel, 13-inch
1N5822-B
DO-201AD
500 Bulk
1N5822-T
DO-201AD
1.2K/Tape & Reel, 13-inch
Ordering Information (Note 5)


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
RB201A60Schottky barrier diode 1 2 3 4 Rohm
RSX501LA-20Schottky barrier diode 1 2 3 4 Rohm
MBD301_07Silicon Hot−Carrier Diodes SCHOTTKY Barrier Diodes 1 2 3 4 5 ON Semiconductor
CMS-S040-040LSCHOTTKY BARRIER DIODE 1 Champion Microelectronic Corp.
SD101AW_SCHOTTKY BARRIER SWITCHING DIODE 1 2 3 Diodes Incorporated
YG802C03RSCHOTTKY BARRIER DIODE 1 2 3 List of Unclassifed Manufacturers
5082-2811SCHOTTKY BARRIER DIODE 1 Advanced Semiconductor
MBD701_06Silicon Hot−Carrier Diodes Schottky Barrier Diodes 1 2 3 4 ON Semiconductor
CMS-S050-040SCHOTTKY BARRIER DIODE 1 Champion Microelectronic Corp.
SD103AW_SCHOTTKY BARRIER SWITCHING DIODE 1 2 3 Diodes Incorporated

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn