전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN91C96I 데이터시트(PDF) 39 Page - SMSC Corporation

부품명 LAN91C96I
상세설명  Non-PCI Single-Chip Full Duplex Ethernet Controller
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C96I 데이터시트(HTML) 39 Page - SMSC Corporation

Back Button LAN91C96I_07 Datasheet HTML 35Page - SMSC Corporation LAN91C96I_07 Datasheet HTML 36Page - SMSC Corporation LAN91C96I_07 Datasheet HTML 37Page - SMSC Corporation LAN91C96I_07 Datasheet HTML 38Page - SMSC Corporation LAN91C96I_07 Datasheet HTML 39Page - SMSC Corporation LAN91C96I_07 Datasheet HTML 40Page - SMSC Corporation LAN91C96I_07 Datasheet HTML 41Page - SMSC Corporation LAN91C96I_07 Datasheet HTML 42Page - SMSC Corporation LAN91C96I_07 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
Non-PCI Single-Chip Full Duplex Ethernet Controller
SMSC DS – LAN91C96I
Page 39
Rev. 03-28-07
DATASHEET
SOFT_RST - Software activated Reset. Active high. Initiated by writing this bit high and terminated by
writing the bit low. The LAN91C96I configuration is not preserved, except for Configuration, Base, and IA0-
5 Registers. The EEPROM in Local Bus mode is not reloaded after software reset.
FILT_CAR - Filter Carrier. When set filters leading edge of carrier sense for 12 bit times. Otherwise
recognizes a receive frame as soon as carrier sense is active.
STRIP_CRC - When set it strips the CRC on received frames. When clear the CRC is stored in memory
following the packet. Defaults low.
RXEN - Enables the receiver when set. If cleared, completes receiving current frame and then goes idle.
Defaults low on reset.
ALMUL - When set accepts all multicast frames (frames in which the first bit of DA is '1'). When clear
accepts only the multicast frames that match the multicast table setting. Defaults low.
PRMS - Promiscuous mode. When set receives all frames.
Change vs. LAN91C92: Does not receive its own transmission when not in full duplex(FDUPLX)!.
RX_ABORT - This bit is set if a receive frame was aborted due to length longer than 1532 bytes. The
frame will not be received. The bit is cleared by RESET or by the CPU writing it low.
I/O SPACE - BANK0
OFFSET
NAME
TYPE
SYMBOL
6
COUNTER REGISTER
READ ONLY
ECR
Counts four parameters for MAC statistics. When any counter reaches 15 an interrupt is issued. All
counters are cleared when reading the register, and do not wrap around beyond 15.
NUMBER OF EXC. DEFERRED TX
NUMBER OF DEFERRED TX
0
0
0
0
0
0
0
0
MULTIPLE COLLISION COUNT
SINGLE COLLISION COUNT
0
0
0
0
0
0
0
0
Each four bit counter is incremented every time the corresponding event, as defined in the EPH STATUS
REGISTER bit description, occurs. Note that the counters can only increment once per enqueued transmit
packet, never faster, limiting the rate of interrupts that can be generated by the counters. For example if a
packet is successfully transmitted after one collision the SINGLE COLLISION COUNT field is incremented
by one. If a packet experiences between 2 to 16 collisions, the MULTIPLE COLLISION COUNT field is
incremented by one.
If a packet experiences deferral the NUMBER OF DEFERRED TX field is incremented by one, even if the
packet experienced multiple deferrals during its collision retries.
The COUNTER REGISTER facilitates maintaining statistics in the AUTO RELEASE mode where no
transmit interrupts are generated on successful transmissions.
Reading the register in the transmit service routine will be enough to maintain statistics.


유사한 부품 번호 - LAN91C96I_07

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN91C96I-MS SMSC-LAN91C96I-MS Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
LAN91C96I-MU SMSC-LAN91C96I-MU Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
LAN91C96IQFP SMSC-LAN91C96IQFP Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
LAN91C96ITQFP SMSC-LAN91C96ITQFP Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
More results

유사한 설명 - LAN91C96I_07

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN91C96 SMSC-LAN91C96_07 Datasheet
631Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I Datasheet
655Kb / 110P
   NON-PCI SINGLE-CHIP FULL DUPLES ETHERNET CONTROLLER
logo
Advanced Micro Devices
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
   PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
   PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
logo
List of Unclassifed Man...
RTL8029AS ETC2-RTL8029AS Datasheet
578Kb / 41P
   Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com