전자부품 데이터시트 검색엔진 |
|
BZX84C8V2W-7-F 데이터시트(PDF) 3 Page - Diodes Incorporated |
|
BZX84C8V2W-7-F 데이터시트(HTML) 3 Page - Diodes Incorporated |
3 / 3 page DS30066 Rev. 13 - 2 3 of 3 www.diodes.com BZX84C2V4W - BZX84C39W © Diodes Incorporated T , AMBIENT TEMPERATURE, (°C) Fig. 1. Power Derating Curve A 200 100 0 300 0 100 200 0 10 20 30 40 50 0 1 2 3 456 7 89 10 V , ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics Z T = 25°C j C2V7 C3V3 C3V9 C4V7 C5V6 C6V8 C8V2 Test Current I 5.0mA Z 0 10 20 30 0 V , ZENER VOLTAGE (V) Fig. 3. Zener Breakdown Characteristics Z 10 20 30 40 T = 25°C j Test current I 5mA Z C10 C12 C18 C22 C27 C33 C36 C15 C39 10 100 1000 10 100 1 V , NOMINAL ZENER VOLTAGE (V) Fig. 4. Total Capacitance vs Nominal Zener Voltage Z T = 25 °C j V = 1V R V = 2V R V = 1V R V = 2V R IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. |
유사한 부품 번호 - BZX84C8V2W-7-F |
|
유사한 설명 - BZX84C8V2W-7-F |