์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

1N5819 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Microsemi Corporation

๋ถ€ํ’ˆ๋ช… 1N5819
์ƒ์„ธ๋‚ด์šฉ  1 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  MICROSEMI [Microsemi Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.microsemi.com
Logo 

1N5819 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
WORKING PEAK
MAXIMUM REVERSE
CDI
REVERSE
MAXIMUM FORWARD VOLTAGE
LEAKAGE CURRENT
TYPE
VOLTAGE
AT RATED VOLTAGE
NUMBER
VRWM
VF@0.1A
VF@1.0A
VF@3.1A
I R@25ยฐC
I R@100ยฐC
VOLTS
VOLTS
VOLTS
VOLTS
mA
mA
DSB5817
20
0.36
0.60
0.9
0.10
5.0
DSB5818
30
0.36
0.60
0.9
0.10
5.0
1N5819
40
0.36
0.60
0.9
0.10
5.0
J,JX,JV & JS
45
0.34
0.49
0.8
0.05
5.0
5819-1
1N6759
60
0.38
0.69
NA
0.10
6.0
1N6760
80
0.38
0.69
NA
0.10
6.0
1N6761
100
0.38
0.69
NA
0.10
6.0
J,JX,JV & JS
100
0.38
0.69
NA
0.10
12.0
6761-1
DSB1A20
20
0.36
0.60
0.9
0.10
5.0
DSB1A30
30
0.36
0.60
0.9
0.10
5.0
DSB1A40
40
0.36
0.60
0.9
0.10
5.0
DSB1A50
50
0.36
0.60
0.9
0.10
5.0
DSB1A60
60
0.38
0.69
NA
0.10
12.0
DSB1A80
80
0.38
0.69
NA
0.10
12.0
DSB1A100
100
0.38
0.69
NA
0.10
12.0
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
65
MAXIMUM RATINGS
Operating Temperature: -55ยฐC to +125ยฐC
Storage Temperature: -55ยฐC to +150ยฐC
Average Rectified Forward Current: 1.0 AMP @TL +55ยฐC, L = 3/8โ€
Derating: 14 mA / ยฐC above TL = +55ยฐC, L = 3/8โ€
ELECTRICAL CHARACTERISTICS
@ 25ยฐC, unless otherwise specified.
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed, DO โ€“ 41
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC): 70
ยฐC/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 12
ยฐC/W maximum
POLARITY:
Cathode end is banded.
MOUNTING POSITION: Any
โ€ข 1N5819-1 AND 1N6761-1AVAILABLE IN
JAN,JANTX, JANTXV,
AND JANS PER MIL-PRF-19500/586
โ€ข 1 AMP SCHOTTKY BARRIER RECTIFIERS
โ€ข HERMETICALLY SEALED
โ€ข METALLURGICALLY BONDED
1N5819
and
DSB5817 and DSB5818
and
1N6759 thru 1N6761
and
DSB1A20 thru DSB1A100


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
1N5820_13.0A SCHOTTKY BARRIER RECTIFIERS 1 2 Diodes Incorporated
82CNQ030APBFSCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package 1 2 3 4 5 MoreInternational Rectifier
RB550EASchottky barrier diode 1 2 3 4 Rohm
CMS-S032-040SCHOTTKY BARRIER DIODE 1 Champion Microelectronic Corp.
MMBD717LT1_0620 VOLT SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODES 1 2 3 ON Semiconductor
CMS-S072-040SCHOTTKY BARRIER DIODE 1 Champion Microelectronic Corp.
B1201.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
MBR4030PT_140A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
B270_12.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn