전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ICL7621 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ICL7621
상세설명  Dual, Low Power CMOS Operational Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7621 데이터시트(HTML) 4 Page - Intersil Corporation

  ICL7621_01 Datasheet HTML 1Page - Intersil Corporation ICL7621_01 Datasheet HTML 2Page - Intersil Corporation ICL7621_01 Datasheet HTML 3Page - Intersil Corporation ICL7621_01 Datasheet HTML 4Page - Intersil Corporation ICL7621_01 Datasheet HTML 5Page - Intersil Corporation ICL7621_01 Datasheet HTML 6Page - Intersil Corporation ICL7621_01 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Typical Applications
The user is cautioned that, due to extremely high input
impedances, care must be exercised in layout, construction,
board cleanliness, and supply filtering to avoid hum and
noise pickup.
FIGURE 1. SIMPLE FOLLOWER
FIGURE 2. LEVEL DETECTOR
FIGURE 3. PHOTOCURRENT INTEGRATOR
FIGURE 4. TRIANGLE/SQUARE WAVE GENERATOR
FIGURE 5. AVERAGING AC TO DC CONVERTER FOR A/D
CONVERTERS SUCH AS ICL7106, ICL7107,
ICL7109, ICL7116, ICL7117
FIGURE 6. BURN-IN AND LIFE TEST CIRCUIT
ICL76XX
+
-
VIN
VOUT
RL ≥ 10kΩ
ICL76XX
+
-
VIN
VOUT
100k
+5
+5
1M
TO CMOS OR
LPTTL LOGIC
VOUT
1
µF
ICL76XX
+
-
+
λ
NOTE: Low leakage currents allow integration times up to
several hours.
1M
+
-
1M
DUTY CYCLE
V-
V+
680k
1M
WAVEFORM GENERATOR
+
-
1/2
ICL7621
1/2
ICL7621
NOTE: Since the output range swings exactly from rail to rail, fre-
quency and duty cycle are virtually independent of power supply
variations.
10
µF
1/2
+
-
20k
VIN
20k
VOH
VOL
1M
2.2M
COMMON
10k
0.5
µF
1.8k = 5%
SCALE
ADJUST
TO
SUCCEEDING
INPUT
STAGE
+
-
ICL7621
1/2
ICL7621
+
- V-
OUT
V+
V+
-8V
+8V
TA = 125
oC
ICL7621


유사한 부품 번호 - ICL7621_01

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
ICL7621ACJD MAXIM-ICL7621ACJD Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7621ACJE MAXIM-ICL7621ACJE Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7621ACPA MAXIM-ICL7621ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
ICL7621ACPA MAXIM-ICL7621ACPA Datasheet
510Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 2; 4/08
ICL7621ACPA MAXIM-ICL7621ACPA Datasheet
517Kb / 26P
   Single/Dual/Triple/Quad Operational Amplifiers
Rev 3; 5/10
More results

유사한 설명 - ICL7621_01

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
TS27M2C STMICROELECTRONICS-TS27M2C Datasheet
195Kb / 9P
   PRECISION LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2ID STMICROELECTRONICS-TS27L2ID Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2C STMICROELECTRONICS-TS27L2C Datasheet
203Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
TS27L2CN STMICROELECTRONICS-TS27L2CN Datasheet
206Kb / 9P
   PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com