전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMZ10B 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 KMZ10B
상세설명  Magnetic field sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ10B 데이터시트(HTML) 5 Page - NXP Semiconductors

  KMZ10B Datasheet HTML 1Page - NXP Semiconductors KMZ10B Datasheet HTML 2Page - NXP Semiconductors KMZ10B Datasheet HTML 3Page - NXP Semiconductors KMZ10B Datasheet HTML 4Page - NXP Semiconductors KMZ10B Datasheet HTML 5Page - NXP Semiconductors KMZ10B Datasheet HTML 6Page - NXP Semiconductors KMZ10B Datasheet HTML 7Page - NXP Semiconductors KMZ10B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1998 Mar 31
5
Philips Semiconductors
Product specification
Magnetic field sensor
KMZ10B
Fig.4
Safe Operating Area (permissible disturbing
field Hd as a component of auxiliary field Hx).
In applications with Hx < 3 kA/m, the sensor has to be reset,
after leaving the SOAR, by an auxiliary field of Hx = 3 kA/m.
(1) Region of permissible operation.
(2) Permissible extension if Hy < 1 kA/m.
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
05
20
0
MGD802
10
1
234
Hd
(kA/m)
safe operating
area
(1)
Hd
Hy
Hx
Hy ≥ 1 kA/m
Hy > 1 kA/m
(2)
Hx (kA/m)
Fig.5
Relative sensitivity (ratio of sensitivity at
certain Hx and sensitivity at Hx = 3 kA/m).
In applications with Hx ≤ 3 kA/m, the sensor has to be
reset by an auxiliary field of Hx = 3 kA/m before using.
05
2
0
MGD803
1
1
234
S (H
x)
S (3 kA/m)
Hx (kA/m)
VB = constant; Hx = 3 kA/m; Tamb =25 °C; Voffset =0.
Fig.6 Sensor output characteristics.
21
8
4
4
8
0
MSA926
012
H
(kA/m)
y
Vo
(mV/V)
max
typ
min


유사한 부품 번호 - KMZ10B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
KMZ10 PHILIPS-KMZ10 Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ10A PHILIPS-KMZ10A Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ10A1 PHILIPS-KMZ10A1 Datasheet
82Kb / 12P
   Magnetic field sensor
1998 Apr 06
KMZ10C PHILIPS-KMZ10C Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
More results

유사한 설명 - KMZ10B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
   Magnetic field sensor
40FY36-33 PF-40FY36-33 Datasheet
119Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com