전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KMZ10C 데이터시트(Datasheet) 5 Page - NXP Semiconductors

부품명 KMZ10C
상세내용  Magnetic field sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

   
 5 page
background image
1998 Mar 24
5
Philips Semiconductors
Product specification
Magnetic field sensor
KMZ10C
Fig.4
Safe Operating Area (permissible disturbing
field Hd as a component of auxiliary field Hx).
handbook, halfpage
05
20
0
MLC122
10
1
234
H d
(kA/m)
H (kA/m)
x
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
H x
H d
H y
safe operating
area
In applications with Hx < 3 kA/m, the sensor has to be reset,
after leaving the SOAR, by an auxiliary field of Hx = 3 kA/m.
handbook, halfpage
05
2
0
MLC123
1
1
234
S (H )
x
(3 kA/m)
S
H (kA/m)
x
Fig.5
Relative sensitivity (ratio of sensitivity at
certain Hx and sensitivity at Hx = 3 kA/m).
In applications with Hx ≤ 3 kA/m, the sensor has to be
reset by an auxiliary field of Hx = 3 kA/m before using.
handbook, halfpage
84
16
8
8
16
0
MLC124
048
H
(kA/m)
y
VO
(mV/V)
max
typ
min
Hx = 3 kA/m; Tamb =25 °C; Voffset =0.
Fig.6 Sensor output characteristics.




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KMZ50Magnetic field sensor 1 2 3 4 5 MoreNXP Semiconductors
KMZ51Magnetic field sensor 1 2 3 4 5 MoreNXP Semiconductors
AD22151Linear Output Magnetic Field Sensor 1 2 3 4 5 MoreAnalog Devices
KMZ43TMagnetic field sensor 1 2 3 4 5 MoreNXP Semiconductors
ZMX40MDUAL MAGNETIC FIELD SENSOR 1 2 3 4 5 MoreZetex Semiconductors
ZMY20MMAGNETIC FIELD SENSOR WITH INTERNAL MAGNET 1 2 3 4 Zetex Semiconductors
KM110BMagnetic field sensor 1 2 3 4 5 MoreNXP Semiconductors
KMZ10AMagnetic field sensor 1 2 3 4 5 MoreNXP Semiconductors
KMZ10A1Magnetic field sensor 1 2 3 4 5 MoreNXP Semiconductors
KMZ10BMagnetic field sensor 1 2 3 4 5 MoreNXP Semiconductors

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl