전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1603C 데이터시트(PDF) 4 Page - Protek Devices

부품명 SM1603C
상세설명  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM1603C 데이터시트(HTML) 4 Page - Protek Devices

  SM1603C Datasheet HTML 1Page - Protek Devices SM1603C Datasheet HTML 2Page - Protek Devices SM1603C Datasheet HTML 3Page - Protek Devices SM1603C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SM1603
thru
SM1624C
4
05147.R6 2/07
www.protekdevices.com
SO-16 PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer ’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
Outline & Dimensions: Rev 1 - 11/01, 06007
TAPE & REEL/BULK ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 16mm tape,
i.e. SM1605-T7.
3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 16mm tape,
i.e. SM1605-T13.
4. Suffix - LF = Lead-Free, Pure-Tin Plating,
i.e. SM1605-LF-T7.
5. No Suffix = Product Shipped in Tubes of 37 pcs per Tube.
A
B
C
D
F
G
J
K
P
R
9.80
3.80
1.35
0.35
0.40
1.27 BSC
0.19
0.10
5.80
0.25
10.00
4.00
1.75
0.49
1.25
1.27 BSC
0.25
0.25
6.20
0.50
0.386
0.150
0.054
0.014
0.016
0.05 BSC
0.008
0.004
0.229
0.010
0.393
0.157
0.068
0.019
0.049
0.05 BSC
0.009
0.009
0.244
0.019
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES
1. - T - = Seating Plane and Datum Surface.
2. Dimensions “A” and “B” are Datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380 mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
PACKAGE OUTLINE
SO-16
MOUNTING PAD
M
-A-
-B- P
D
G
-T-
K
C
J
R X 45º
F
0.010” (0.25 MM)
M
B
M
8 PL
0.010” (0.25 MM)
S
B
M
16 PL
T
A S
16
9
8
1
0º - 7º
0.050” TYP
0.030” ± 0.005”
0.245” MIN
0.160” ± 0.005”
0.045” ± 0.005”


유사한 부품 번호 - SM1603C

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
SM1603C MICROSEMI-SM1603C Datasheet
105Kb / 2P
   TVSarray Series
logo
Protek Devices
SM1603C PROTEC-SM1603C Datasheet
104Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM1603C PROTEC-SM1603C Datasheet
636Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1603C PROTEC-SM1603C Datasheet
639Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
More results

유사한 설명 - SM1603C

제조업체부품명데이터시트상세설명
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com