전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74GTLP817PWRG4 데이터시트(PDF) 9 Page - Texas Instruments

부품명 SN74GTLP817PWRG4
상세설명  GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP817PWRG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74GTLP817PWRG4 Datasheet HTML 5Page - Texas Instruments SN74GTLP817PWRG4 Datasheet HTML 6Page - Texas Instruments SN74GTLP817PWRG4 Datasheet HTML 7Page - Texas Instruments SN74GTLP817PWRG4 Datasheet HTML 8Page - Texas Instruments SN74GTLP817PWRG4 Datasheet HTML 9Page - Texas Instruments SN74GTLP817PWRG4 Datasheet HTML 10Page - Texas Instruments SN74GTLP817PWRG4 Datasheet HTML 11Page - Texas Instruments SN74GTLP817PWRG4 Datasheet HTML 12Page - Texas Instruments SN74GTLP817PWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
Distributed-Load Backplane Switching Characteristics
Drvr
1.5 V
0.25”
2”
1”
1”
1.5 V
1”
1”
2”
0.25”
Rcvr
Rcvr
Rcvr
Slot 1
Slot 2
Slot 9
Slot 10
Conn.
Conn.
Conn.
Conn.
ZO = 70 Ω
From Output
Under Test
Test
Point
1.5 V
CL = 9 pF
19
LL = 19 nH
SN74GTLP817
GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
SCES285E – OCTOBER 1999 – REVISED APRIL 2005
The preceding switching characteristics table shows the switching characteristics of the device into a lumped
load (Figure 1). However, the designer's backplane application probably is a distributed load. The physical
representation is shown in Figure 2. This backplane, or distributed load, can be approximated closely to a
resistor inductance capacitance (RLC) circuit, as shown in Figure 3. This device has been designed for optimum
performance in this RLC circuit. The following switching characteristics table shows the switching characteristics
of the device into the RLC load, to help the designer better understand the performance of the GTLP device in
this typical backplane. See www.ti.com/sc/gtlp for more information.
Figure 2. Medium-Drive Test Backplane
Figure 3. Medium-Drive RLC Network
9


유사한 부품 번호 - SN74GTLP817PWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
More results

유사한 설명 - SN74GTLP817PWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
logo
Fairchild Semiconductor
GTLP6C817 FAIRCHILD-GTLP6C817 Datasheet
50Kb / 7P
   Low Drive GTLP-to-LVTTL 1:6 Clock Driver
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com