전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFE18500X 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 LFE18500X
상세설명  NPN silicon planar epitaxial microwave power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LFE18500X 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button LFE18500X Datasheet HTML 2Page - NXP Semiconductors LFE18500X Datasheet HTML 3Page - NXP Semiconductors LFE18500X Datasheet HTML 4Page - NXP Semiconductors LFE18500X Datasheet HTML 5Page - NXP Semiconductors LFE18500X Datasheet HTML 6Page - NXP Semiconductors LFE18500X Datasheet HTML 7Page - NXP Semiconductors LFE18500X Datasheet HTML 8Page - NXP Semiconductors LFE18500X Datasheet HTML 9Page - NXP Semiconductors LFE18500X Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
December 1994
7
Philips Semiconductors
Product specification
NPN silicon planar epitaxial
microwave power transistor
LFE18500X
Fig.5 Load power as a function of input power.
VCE = 24 V; f = 1850 MHz.
handbook, halfpage
04
8
12
16
60
20
0
40
MLC431
P L
(W)
I
=
CQ
400 mA
200 mA
100 mA
P (W)
i
Fig.6
Intermodulation distortion as a function
of average output power.
VCE = 24 V; f1 = 1849.9 MHz; f2 = 1850.1 MHz.
handbook, halfpage
MLC726
010
20
40
30
60
40
30
50
P
(W)
o (av)
20
CQ
I
=
200 mA
100 mA
400 mA
(dBc)
d im
Input and optimum load impedances
VCE =24V; ICQ = 0.2 A; Zo =10 Ω; typical values at PL =PL1 (see Figs 7 and 8).
f
(GHz)
Zi
(
Ω)
ZL
(
Ω)
1.80
5.0 + j4.9
2.0
− j2.0
1.85
5.5 + j2.0
1.8
− j1.2
1.90
3.7 + j0.6
1.6
− j1.6


유사한 부품 번호 - LFE18500X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
LFE15600X PHILIPS-LFE15600X Datasheet
72Kb / 12P
   NPN microwave power transistor
1997 Feb 19
More results

유사한 설명 - LFE18500X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
LLE18100X PHILIPS-LLE18100X Datasheet
60Kb / 9P
   NPN silicon planar epitaxial microwave power transistor
November 1994
LLE18150X PHILIPS-LLE18150X Datasheet
52Kb / 9P
   NPN silicon planar epitaxial microwave power transistor
September 1994
logo
Seme LAB
SMX35 SEME-LAB-SMX35 Datasheet
22Kb / 2P
   SILICON NPN EPITAXIAL PLANAR POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Nanjing International G...
MMBT2222 DGNJDZ-MMBT2222 Datasheet
104Kb / 4P
   NPN Silicon Epitaxial Planar Medium Power Transistor
logo
Seme LAB
BUY24 SEME-LAB-BUY24 Datasheet
22Kb / 2P
   SILICON PLANAR EPITAXIAL NPN POWER SWITCHING TRANSISTOR
logo
Micro Electronics
2SA816 MICRO-ELECTRONICS-2SA816 Datasheet
112Kb / 2P
   PNP/NPN SILICON PLANAR EPITAXIAL POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBT2222 SEMTECH_ELEC-MMBT2222 Datasheet
262Kb / 4P
   NPN Silicon Epitaxial Planar Medium Power Transistor
MMBT2222W SEMTECH_ELEC-MMBT2222W Datasheet
258Kb / 4P
   NPN Silicon Epitaxial Planar Medium Power Transistor
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com