Preview PDF Download HTML

AM29BDD160G 데이터시트(HTML) 1 Page - Advanced Micro Devices

부품명 AM29BDD160G
상세내용  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  79 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160G 데이터시트(HTML) 1 Page - Advanced Micro Devices

  AM29BDD160G_06 데이터시트 HTML 1Page - Advanced Micro Devices AM29BDD160G_06 데이터시트 HTML 2Page - Advanced Micro Devices AM29BDD160G_06 데이터시트 HTML 3Page - Advanced Micro Devices AM29BDD160G_06 데이터시트 HTML 4Page - Advanced Micro Devices AM29BDD160G_06 데이터시트 HTML 5Page - Advanced Micro Devices AM29BDD160G_06 데이터시트 HTML 6Page - Advanced Micro Devices AM29BDD160G_06 데이터시트 HTML 7Page - Advanced Micro Devices AM29BDD160G_06 데이터시트 HTML 8Page - Advanced Micro Devices AM29BDD160G_06 데이터시트 HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
The following document contains information on Spansion memory products. Although the doc-ument
is marked with the name of the company that originally developed the specification, Spansion will
continue to offer these products to existing customers.
Continuity of Specifications
There is no change to this data sheet as a result of offering the device as a Spansion product. Any
changes that have been made are the result of normal data sheet improvement and are noted in the
document revision summary, where supported. Future routine revisions will occur when
appro-priate, and changes will be noted in a revision summary.
Continuity of Ordering Part Numbers
Spansion continues to support existing part numbers beginning with “Am” and “MBM”. To order these
products, please use only the Ordering Part Numbers listed in this document.
For More Information
Please contact your local sales office for additional information about Spansion memory solutions.
Am29BDD160G
Data Sheet
Publication Number 24960 Revision D Amendment 5 Issue Date June 7, 2006
For new designs, S29CD016G supersedes Am29BDD160G and is the factory-recommended migration
path for this device. Please refer to the S29CD016G datasheet for specifications and ordering infor-
mation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn