전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM41DL6408G 데이터시트(PDF) 20 Page - Advanced Micro Devices

부품명 AM41DL6408G
상세설명  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41DL6408G 데이터시트(HTML) 20 Page - Advanced Micro Devices

Back Button AM41DL6408G Datasheet HTML 16Page - Advanced Micro Devices AM41DL6408G Datasheet HTML 17Page - Advanced Micro Devices AM41DL6408G Datasheet HTML 18Page - Advanced Micro Devices AM41DL6408G Datasheet HTML 19Page - Advanced Micro Devices AM41DL6408G Datasheet HTML 20Page - Advanced Micro Devices AM41DL6408G Datasheet HTML 21Page - Advanced Micro Devices AM41DL6408G Datasheet HTML 22Page - Advanced Micro Devices AM41DL6408G Datasheet HTML 23Page - Advanced Micro Devices AM41DL6408G Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
August 19, 2002
Am41DL6408G
19
P R E L I M INARY
Sector/Sector Block Protection and
Unprotection
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Table
8).
The hardware sector protection feature disables both
program and erase operations in any sector. The hard-
ware sector unprotection feature re-enables both pro-
gram and erase operations in previously protected
sectors. Sector protection/unprotection can be imple-
mented via two methods.
Table 8.
Am29DL640G Boot Sector/Sector Block
Addresses for Protection/Unprotection
The primary method requires VID on the RESET# pin
only, and can be implemented either in-system or via
programming equipment. Figure 2 shows the algo-
rithms and Figure 26 shows the timing diagram. This
method uses standard microprocessor bus cycle tim-
ing. For sector unprotect, all unprotected sectors must
first be protected prior to the first sector unprotect write
cycle. Note that the sector unprotect algorithm unpro-
tects all sectors in parallel. All previously protected
sectors must be individually re-protected. To change
data in protected sectors efficiently, the temporary
sector unprotect function is available. See “Temporary
Sector Unprotect”.
Sector
A21–A12
Sector/
Sector Block Size
SA0
0000000000
8 Kbytes
SA1
0000000001
8 Kbytes
SA2
0000000010
8 Kbytes
SA3
0000000011
8 Kbytes
SA4
0000000100
8 Kbytes
SA5
0000000101
8 Kbytes
SA6
0000000110
8 Kbytes
SA7
0000000111
8 Kbytes
SA8–SA10
0000001XXX,
0000010XXX,
0000011XXX,
192 (3x64) Kbytes
SA11–SA14
00001XXXXX
256 (4x64) Kbytes
SA15–SA18
00010XXXXX
256 (4x64) Kbytes
SA19–SA22
00011XXXXX
256 (4x64) Kbytes
SA23–SA26
00100XXXXX
256 (4x64) Kbytes
SA27-SA30
00101XXXXX
256 (4x64) Kbytes
SA31-SA34
00110XXXXX
256 (4x64) Kbytes
SA35-SA38
00111XXXXX
256 (4x64) Kbytes
SA39-SA42
01000XXXXX
256 (4x64) Kbytes
SA43-SA46
01001XXXXX
256 (4x64) Kbytes
SA47-SA50
01010XXXXX
256 (4x64) Kbytes
SA51-SA54
01011XXXXX
256 (4x64) Kbytes
SA55–SA58
01100XXXXX
256 (4x64) Kbytes
SA59–SA62
01101XXXXX
256 (4x64) Kbytes
SA63–SA66
01110XXXXX
256 (4x64) Kbytes
SA67–SA70
01111XXXXX
256 (4x64) Kbytes
SA71–SA74
10000XXXXX
256 (4x64) Kbytes
SA75–SA78
10001XXXXX
256 (4x64) Kbytes
SA79–SA82
10010XXXXX
256 (4x64) Kbytes
SA83–SA86
10011XXXXX
256 (4x64) Kbytes
SA87–SA90
10100XXXXX
256 (4x64) Kbytes
SA91–SA94
10101XXXXX
256 (4x64) Kbytes
SA95–SA98
10110XXXXX
256 (4x64) Kbytes
SA99–SA102
10111XXXXX
256 (4x64) Kbytes
SA103–SA106
11000XXXXX
256 (4x64) Kbytes
SA107–SA110
11001XXXXX
256 (4x64) Kbytes
SA111–SA114
11010XXXXX
256 (4x64) Kbytes
SA115–SA118
11011XXXXX
256 (4x64) Kbytes
SA119–SA122
11100XXXXX
256 (4x64) Kbytes
SA123–SA126
11101XXXXX
256 (4x64) Kbytes
SA127–SA130
11110XXXXX
256 (4x64) Kbytes
SA131–SA133
1111100XXX,
1111101XXX,
1111110XXX
192 (3x64) Kbytes
SA134
1111111000
8 Kbytes
SA135
1111111001
8 Kbytes
SA136
1111111010
8 Kbytes
SA137
1111111011
8 Kbytes
SA138
1111111100
8 Kbytes
SA139
1111111101
8 Kbytes
SA140
1111111101
8 Kbytes
SA141
1111111111
8 Kbytes
Sector
A21–A12
Sector/
Sector Block Size


유사한 부품 번호 - AM41DL6408G

제조업체부품명데이터시트상세설명
logo
SPANSION
AM41DL6408G SPANSION-AM41DL6408G Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408G70IS SPANSION-AM41DL6408G70IS Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408G70IT SPANSION-AM41DL6408G70IT Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408G71IS SPANSION-AM41DL6408G71IS Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408G71IT SPANSION-AM41DL6408G71IT Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results

유사한 설명 - AM41DL6408G

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM49DL640BG AMD-AM49DL640BG Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM42DL6402G SPANSION-AM42DL6402G Datasheet
927Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM41DL32X8G AMD-AM41DL32X8G Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63